Electronic Components Datasheet Search
  English  ▼

X  

830 Datasheet(PDF) 2 Page - Littelfuse

Part # 830
Description  Cartridge Fuse Holders Enclosed Fuseholders > Circuit Board Mounted
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

830 Datasheet(HTML) 2 Page - Littelfuse

  830 Datasheet HTML 1Page - Littelfuse 830 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2018 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 02/13/18
Enclosed Fuseholders > Circuit Board Mounted
Cartridge Fuse Holders
Ordering Information
Ordering PN
Description
Packaging
Fuseholder
83000000005
ACS 5×20mm Fuseholder
830 Series for 250V
Bulk/100pcs
83100000005
ACS 5×20mm Fuseholder
831 Series for 250V
Bulk/100pcs
83400000005
ACS 5×20mm Fuseholder
834 Series for 250V
Bulk/100pcs
Fuseholder Cap
83500000005
ACS 5×20mm Fuseholder
CAP 835 Series
Bulk/100pcs
83700000005
ACS 5×20mm Fuseholder
CAP 837 Series
Bulk/100pcs
Agency Approval
Agency
Agency File Number
830 Series
831 Series
834 Series
120623
123441
6913
E70164
47574
Additional Information
Datasheet
Samples
Resources
Datasheet
Samples
Resources
Datasheet
Samples
Resources
831 Series
831 Series
831 Series
830 Series
830 Series
830 Series
834 Series
834 Series
834 Series
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each
product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at:
www.littelfuse.com/disclaimer-electronics.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com