Electronic Components Datasheet Search
  English  ▼

X  

0LCC4 Datasheet(PDF) 1 Page - Littelfuse

Part # 0LCC4
Description  POWR-GARD fuse pullers & POWR-JAW CLIP CLAMPS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0LCC4 Datasheet(HTML) 1 Page - Littelfuse

  0LCC4 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© JUNE 2011 Littelfuse POWR-GARD Products
www.littelfuse.com
POWR-GARD® Fuseblock Datasheet
Accessories
1
Features/Benefits
• Ergonomically designed fuse pullers designed to safely
remove power fuses
• Molded design offers more comfortable and natural
grip than traditional pullers, increasing performance
Specifications
fuse pullers & pOWr-JAW ClIp ClAMps
Web Resources
Sample requests and other technical information:
www.littelfuse.com/clipclamps
Web Resources
Sample requests and other technical information:
www.littelfuse.com/fusepullers
Ordering Information
CAtAlOg
nuMber
systeM
nuMber
VOlts
AMperes
LCC1
0LCC1
250
0-30
LCC2
0LCC2
250
35-60
LCC2
0LCC2
600
0-30
LCC4
0LCC4
600
35-60
LCC5
0LCC5
250 or 600
70-100
LCC6
0LCC6
250 or 600
110-200
LCC7
0LCC7
250 or 600
225-400
LCC8
0LCC8
250 or 600
450-600
Note: POWR-JAW Clip Clamps are sold individually, not in pairs.
A minimum of 1/8” of clearance between the fuseblock barrier and fuse clip is required to
install Clip Clamps.
type Of fuse
puller
pArt nuMber
fuse sIZe (DIAMeter)
Midget Fuse
MFP
3
⁄16" - 1⁄2" fuses
Pocket Fuse
LPFP
250 V fuses from 0-200 A
600 V fuses from 0-100 A
9
⁄16" - 119⁄32" fuses
Giant Fuse
GFP
250 V fuses from 61-600 A
600 V fuses from 61-400 A
11⁄16" - 219⁄32" fuses
Tri-puller
097023
For ATO and glass fuses
Features/Benefits
• Improve contact between fuse and clip
• Help prevent unnecessary heat from poor contact
due to the loss of spring force. This reduces:
1. Nuisance fuse opening
2. Premature aging of surrounding components
• High temperature phenolic resin knob for severe
environments
• Wide range of coverage with simple design
GFP
097023
MFP
LPFP


Similar Part No. - 0LCC4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0LCH1321Z LITTELFUSE-0LCH1321Z Datasheet
1Mb / 8P
Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
0LCH1322Z LITTELFUSE-0LCH1322Z Datasheet
1Mb / 8P
Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
0LCH1323Z LITTELFUSE-0LCH1323Z Datasheet
1Mb / 8P
Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
0LCH1333Z LITTELFUSE-0LCH1333Z Datasheet
1Mb / 8P
Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
logo
Toshiba Semiconductor
0LCML00002B TOSHIBA-0LCML00002B Datasheet
852Kb / 26P
PROJECTION TV
2004
More results

Similar Description - 0LCC4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LPHV LITTELFUSE-LPHV Datasheet
441Kb / 1P
LPHV POWR-SAFE FUSE HOLDERS
LPSC LITTELFUSE-LPSC Datasheet
502Kb / 1P
LPSC/LPSM POWR-SAFE FUSE HOLDERS
LPSM LITTELFUSE-LPSM Datasheet
502Kb / 1P
LPSC/LPSM POWR-SAFE FUSE HOLDERS
LPSM-QC LITTELFUSE-LPSM-QC Datasheet
407Kb / 1P
LPSM QUICK CONNECT POWR-SAFE FUSE HOLDERS
PGR-6210 LITTELFUSE-PGR-6210 Datasheet
1Mb / 1P
Littelfuse POWR-GARD retrofit kits are an excellent choice
SPNH200.X LITTELFUSE-SPNH200.X Datasheet
815Kb / 11P
POWR-GARD? Fuse Datasheet SPNH SERIES SOLAR FUSE
Rev: 2-B-083021
LFJ600301SID LITTELFUSE-LFJ600301SID Datasheet
1Mb / 3P
POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
LPHV0001Z LITTELFUSE-LPHV0001Z Datasheet
183Kb / 1P
LPHV POWR-SAFE FUSE HOLDERS
Rev: 101521
LPSC0001ZXID LITTELFUSE-LPSC0001ZXID_V01 Datasheet
275Kb / 1P
LPSC / LPSM POWR-SAFE FUSE HOLDERS
Rev: 083121
LPSM0001ZQCID LITTELFUSE-LPSM0001ZQCID Datasheet
408Kb / 1P
LPSM QUICK CONNECT POWR-SAFE FUSE HOLDERS
Rev: 1-A- 021319
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com