Electronic Components Datasheet Search
  English  ▼

X  

R602 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # R602
Description  Fast Recovery Rectifier (220Amperes Average 1600 Volts)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

R602 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  R602 Datasheet HTML 1Page - Powerex Power Semiconductors R602 Datasheet HTML 2Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - R602

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
R602 POWEREX-R602 Datasheet
609Kb / 4P
FAST RECOVERY RECTIFIER
R602-35 POWEREX-R602-35 Datasheet
609Kb / 4P
FAST RECOVERY RECTIFIER
logo
Cooper Bussmann, Inc.
R60200-1 COOPER-R60200-1 Datasheet
289Kb / 2P
Class RK5 600Vac, 70 to 600A Dual-Element, Time-Delay Fuses
logo
Powerex Power Semicondu...
R6020425 POWEREX-R6020425 Datasheet
498Kb / 4P
Fast Recovery Rectifier (250 Amperes Average 1600 Volts)
R6020435 POWEREX-R6020435 Datasheet
768Kb / 4P
Fast Recovery Rectifier (350Amperes Average 1600 Volts)
More results

Similar Description - R602

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
R6020425 POWEREX-R6020425 Datasheet
498Kb / 4P
Fast Recovery Rectifier (250 Amperes Average 1600 Volts)
R6020435 POWEREX-R6020435 Datasheet
768Kb / 4P
Fast Recovery Rectifier (350Amperes Average 1600 Volts)
R6220430 POWEREX-R6220430 Datasheet
397Kb / 2P
Fast Recovery Rectifier (300 Amperes Average 1600 Volts)
R6220440 POWEREX-R6220440 Datasheet
807Kb / 4P
Fast Recovery Rectifier (400 Amperes Average 1600 Volts)
R6220455 POWEREX-R6220455 Datasheet
811Kb / 4P
Fast Recovery Rectifier (550Amperes Average 1600 Volts)
R7220406 POWEREX-R7220406 Datasheet
812Kb / 4P
Fast Recovery Rectifier (650Amperes Average 1600 Volts)
R7220408 POWEREX-R7220408 Datasheet
808Kb / 4P
Fast Recovery Rectifier (800Amperes Average 1600 Volts)
R7S01600A POWEREX-R7S01600A Datasheet
435Kb / 4P
General Purpose Rectifier (1600 Amperes Average 1600 Volts)
R7S20409 POWEREX-R7S20409 Datasheet
821Kb / 4P
Fast Recovery Rectifier (900Amperes Average 1600 Volts)
R7S20410 POWEREX-R7S20410 Datasheet
812Kb / 4P
Fast Recovery Rectifier (1000Amperes Average 1600 Volts)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com