Electronic Components Datasheet Search
  English  ▼

X  

CD54HC574 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC574
Description  High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC574 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC574 Datasheet HTML 1Page - Texas Instruments CD54HC574 Datasheet HTML 2Page - Texas Instruments CD54HC574 Datasheet HTML 3Page - Texas Instruments CD54HC574 Datasheet HTML 4Page - Texas Instruments CD54HC574 Datasheet HTML 5Page - Texas Instruments CD54HC574 Datasheet HTML 6Page - Texas Instruments CD54HC574 Datasheet HTML 7Page - Texas Instruments CD54HC574 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS183B
Features
• Buffered Inputs
• Common Three-State Output Enable Control
• Three-State Outputs
• Bus Line Driving Capability
• Typical Propagation Delay (Clock to Q) = 15ns at
VCC = 5V, CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC374, ’HCT374, ’HC574, and ’HCT574 are octal D-type
flip-flops with 3-state outputs and the capability to drive 15
LSTTL loads. The eight edge-triggered flip-flops enter data into
their registers on the LOW to HIGH transition of clock (CP). The
output enable (OE) controls the 3-state outputs and is
independent of the register operation. When OE is HIGH, the
outputs are iin the high-impedance state. The 374 and 574 are
identical in function and differ only in their pinout arrangements.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC374F3A
-55 to 125
20 Ld CERDIP
CD54HC574F3A
-55 to 125
20 Ld CERDIP
CD54HCT374F3A
-55 to 125
20 Ld CERDIP
CD54HCT574F3A
-55 to 125
20 Ld CERDIP
CD74HC374E
-55 to 125
20 Ld PDIP
CD74HC374M
-55 to 125
20 Ld SOIC
CD74HC374M96
-55 to 125
20 Ld SOIC
CD74HC574E
-55 to 125
20 Ld PDIP
CD74HC574M
-55 to 125
20 Ld SOIC
CD74HC574M96
-55 to 125
20 Ld SOIC
CD74HCT374E
-55 to 125
20 Ld PDIP
CD74HCT374M
-55 to 125
20 Ld SOIC
CD74HCT374M96
-55 to 125
20 Ld SOIC
CD74HCT574E
-55 to 125
20 Ld PDIP
CD74HCT574M
-55 to 125
20 Ld SOIC
CD74HCT574M96
-55 to 125
20 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel.
February 1998 - Revised May 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54/74HC374, CD54/74HCT374,
CD54/74HC574, CD54/74HCT574
High-Speed CMOS Logic Octal D-Type Flip-Flop,
3-State Positive-Edge Triggered
[ /Title
(CD74
HC374
,
CD74
HCT37
4,
CD74
HC574
,
CD74
HCT57


Similar Part No. - CD54HC574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC574 TI-CD54HC574 Datasheet
454Kb / 18P
High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD54HC574F TI-CD54HC574F Datasheet
454Kb / 18P
High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD54HC574F TI1-CD54HC574F Datasheet
1Mb / 22P
High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD54HC574F3A TI-CD54HC574F3A Datasheet
293Kb / 15P
High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD54HC574F3A TI-CD54HC574F3A Datasheet
454Kb / 18P
High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
More results

Similar Description - CD54HC574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC374 TI-CD74HC374 Datasheet
52Kb / 9P
High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered
CD74HC534 TI-CD74HC534 Datasheet
52Kb / 9P
High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC374 TI-CD54HC374 Datasheet
293Kb / 15P
High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD54HC534 TI-CD54HC534 Datasheet
287Kb / 14P
High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC534 TI-CD54HC534_07 Datasheet
431Kb / 16P
High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC374 TI-CD54HC374_07 Datasheet
454Kb / 18P
High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD54HC534 TI-CD54HC534_08 Datasheet
461Kb / 16P
High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD74HCT574-EP TI1-CD74HCT574-EP Datasheet
622Kb / 14P
HIGH-SPEED CMOS LOGIC OCTAL D-TYPE FLIP-FLOP 3-STATE,POSITIVE-EDGE TRIGGERED
CD74HCT574-Q1 TI1-CD74HCT574-Q1_16 Datasheet
1Mb / 16P
HIGH-SPEED CMOS LOGIC OCTAL D-TYPE FLIP-FLOP 3-STATE POSITIVE-EDGE TRIGGERED
CD54HC374 TI1-CD54HC374_16 Datasheet
1Mb / 22P
High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com