Electronic Components Datasheet Search
  English  ▼

X  

DS112 Datasheet(PDF) 2 Page - Synology Inc.

Part # DS112
Description  Synology DiskStation DS112
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS112 Datasheet(HTML) 2 Page - Synology Inc.

  DS112 Datasheet HTML 1Page - Synology Inc. DS112 Datasheet HTML 2Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
DS112
CONNECTIONS & BUTTONS
Networking
SYNOLOGY INC.
Founded in 2000, Synology is a young and energetic
company dedicated to developing high-performance,
reliable, versatile, and environmentally-friendly
Network Attached Storage (NAS) products. Our goal
is to deliver user-friendly solutions and solid customer
service to satisfy the needs of businesses, home offices,
individual users and families.
Copyright © 2012, Synology Inc. All rights reserved.
Synology, the Synology logo are trademarks or
registered trademarks of Synology Inc. Other product
and company names mentioned herein may be
trademarks of their respective companies. Synology
may make changes to specification and product
descriptions at anytime, without notice.
Printed in Taiwan,
DS112-2012-ENU-REV003
http://www.synology.com
Headquarters
Synology Inc.
3F-3, No. 106, Chang An W. Rd., Taipei, Taiwan
Tel: +886 2 2552 1814 Fax: +886 2 2552 1824
North & South America
Synology America Corp.
2899 152nd Ave NE, Redmond, WA 98052. USA
Tel: +1 425 818 1587
UK
Synology UK Ltd.
Etheridge Avenue,
Brinklow, Milton Keynes,
MK10 0BP, UK
Tel: +44 1908 587422
Germany
Synology GmbH
Königsallee 92a
40212 Düsseldorf
Tel: +49 (0)211 5403 9658
TechnicalSpecifications
Hardware
• CPU Frequency: 1.6GHz
• Memory: DDR3 256MB
• Internal HDD/SSD: 3.5” or 2.5” SATA(II) X 1 (with 2.5” Disk Holder
Type C) (hard drive not included)
• Max Internal Capacity: 4TB (1 X 4TB HDD)
• External Storage Interface: 2X USB 3.0 ports, 1X eSATA port
• Size (HxWxD): 166mm X 71mm X 224mm
• Weight: 0.72Kg
• LAN: Gigabit X1
• Wireless Support (wireless dongles not included)
• Wake on LAN/WAN
• Hardware Encryption Engine
• Fan: 1X (60x60x15mm)
• Noise Level1: 18.4 dB(A)
• Power Recovery
• AC Input Power Voltage: 100V to 240V
• Power Frequency: 50Hz to 60Hz, Single Phase
• Power Consumption2: 13.2W (Access); 9.72W (Idle); 5.04W
(Hibernation)
• Operating Temperature: 5°C to 35°C (40°F to 95°F)
• Storage Temperature: -10°C to 70°C (15°F to 155°F)
• Relative Humidity: 5% to 95%RH
• Maximum Operating Altitude: 10,000 feet
• Certification: FCC Class B, CE Class B, BSMI Class B
Applications
File Browser
• Virtual Drive
• Remote Folder
File Station
FTP Server
• Bandwidth Control
• Custom FTP Passive Port Range
• Anonymous FTP
• Transfer Log
Mail Server
• Supported Mail Server Protocol : POP3, SMTP, IMAP
Web Station
• Virtual Host (up to 30 websites)
• PHP/MySQL
• Alternative HTTP Error Page
• 3rd-Party Applications Support
Surveillance Station
• Default IP cam #: 1
• MAX IP cam # (licenses required): 8 (1 free license to install 1
IP camera. Additional licenses can be purchased to expand
the license quota.)
Photo Station
• Facebook Integration
• Supported Image Format: BMP, JPG (jpe, jpeg), GIF, RAW (arw,
srf, sr2, dcr, k25, kdc, cr2, crw, nef, mrw, ptx, pef, raf, 3fr, erf,
mef, mos, orf, rw2, dng, x3f)
• Supported Video Format: 3G2, 3GP, ASF, AVI, DAT, DivX, FLV,
M4V, MOV, MP4, MPEG, MPG, QT, WMV, XviD, RM, RMVB, VOB,
RV30, RV40, AC3, AMR, WMA3 (Users can click and download
the following video formats: RM, RMVB, VOB, RV30, RV40,
AC3, AMR, WMA3, but not able to play it in Photo Station as
compressed Flash® video.)
Download Station
• Supported Download Protocols: BT/HTTP/FTP/NZB/eMule
• Custom BT Port
• BT / eMule Bandwidth Control
Audio Station
• Supported Audio Format: (USB Mode) AAC, FLAC, M4A,
MP3, Ogg Vorbis, WMA, WMA VBR; (Streaming Mode) MP3,
M4A, M4B
• Supported Playlist Format: M3U, WPL
• Internet Radio: SHOUTcast®, Radioio®
DLNA/UPnP Media Server
• DLNA Certified
• PS3/Xbox 360® Support
• Supported Audio Format: AAC, FLAC, M4A, MP3, Ogg Vorbis,
PCM, WAV, WMA, WMA VBR, WMA PRO, WMA Lossless
• Supported Video Format: 3GP, 3G2, ASF, AVI, DAT, DivX, DVR-
MS, ISO, M2T, M2TS, M4V, MKV, MP4, MPEG1, MPEG2, MPEG4,
MTS, MOV, QT, SWF, TP, TRP, TS, VOB, WMV, XviD, RMVB
• Supported Image Format: BMP, JPG (jpe, jpeg), GIF, ICO, PNG,
PSD, TIF (tiff), UFO
• Supported Subtitles Format: srt, psb, smi, ass, ssa, sub, idx, ifo
iTunes® Server
• Supported Audio Format: MP3, M4A, M4P, WAV, AIF (The music
in WAV and AIF format can be streamed, but the metadata (ex:
title, album) may not be indexed on the iTunes.)
• Supported Video Format: M4V, MOV, MP4
• Supported Playlist Format: M3U, WPL
Print Server
• Max Printer #: 2
• Printing Protocols: LPR, CIFS, AppleTalk®, Apple AirPrint™,
Google Cloud Print™ (For Mac users, only PostScript USB
printers are supported.)
• Multi Functional Print Server
Package Center
• Mail Station 2
• Webalizer
• Logitech® Media Server
• phpMyAdmin
• Time Backup
• VPN Server
• WordPress®
• Syslog Server
• Directory Server
• HiDrive® Backup
iOS® and Android Applications
• DS photo+
• DS audio
• DS cam
• DS file
• DS finder
General Specifications
Networking Protocols
• CIFS, AFP, FTP, iSCSI, Telnet, SSH, NFS, SNMP, WebDAV, CalDAV
File System
• EXT4
• EXT3 (External Disk Only)
• FAT (External Disk Only)
• NTFS (External Disk Only)
Volume Management
• Max Internal Volume #: 1
• Max iSCSI Target #: 10
• Max iSCSI LUN #: 10
• Volume Type: Basic
File Sharing Capability
• Max User Account #: 2048
• Max Group #: 256
• Max Shared Folder #: 256
• Max Concurrent Connections # (SAMBA, FTP, AFP): 128
Windows Access Control List (ACL) Support
Windows ADS Domain Integration
• Domain Users login via Samba/AFP/FTP/File Station
Backup Solutions
• Network Backup
• Shared Folder Sync
• Local Backup
• Desktop Backup (using Synology Data Replicator or Apple
Time Machine backup application)
• 3rd-Party Backup Support
Security
• FTP over SSL/TLS
• IP Auto-Block
• Firewall
• Encrypted Network Backup over Rsync
• HTTPS Connection
Management
• DSM Update
• DSM mobile
• Email Notification
• SMS Notification
• Customized User Quota
• DDNS Support
• PPPoE
• Resource Monitor
• UPS Management
• UPnP® Router Support
• Scheduled Power On/Off
• Custom Management UI HTTP/HTTPS Ports
HDD Management
• HDD Hibernation
• S.M.A.R.T.
• Dynamic Bad Sector Mapping
Utilities
• Synology Assistant
• Synology Data Replicator
Support Browsers
• Internet Explorer® 7/8/9
• Firefox®
• Safari® 4/5 (Mac)
• Chrome™
Supported Clients
• Windows XP onward
• Mac OS X 10.5 onward
• Ubuntu 9.04 onward
Supported Mobile Devices (Photo Station, File Station)
• iPhone OS 2.2.1 onward
• Android OS 1.5 onward
• Windows Mobile (IE Mobile or Opera 9.0 onward)
• Symbian™ OS 9.1, S60 3rd Edition onward
Language
• English, Deutsch, Français, Italiano, Español, Dansk,
Norsk, Svensk, Nederlands, Русский, Polski, Magyar,
Português do Brasil, Português Europeu, Türkçe, Český,
Environment and Packaging
Environment
• RoHS Compliant
Package Content
• DS112 Main Unit
• Installation DVD
• Welcome Note
• Assembling Kit
• AC Power Adapter
• AC Power Cord
• 2M RJ-45 LAN Cable
Optional Accessories
• Synology Remote
• Camera License Pack
• 2.5” Disk Holder Type C
1. Fully loaded with Seagate® ST31000520AS hard drive(s) in
operation; Two G.R.A.S. Type 40AE microphones, each set up at
1 meter away from the DiskStation front and rear; Background
noise: 17.0 dB(A); Temperature: 22.0˚C; Humidity: 64.4%; More
details about dB(A) value, check http://www.memtechacoustical.
com/facts.asp
2. Measured with 1 Western Digital® 3TB WD30EZRS hard drive. The
figures could vary on different environments.
USB Printer
DS112
External Disk
Wireless Router
DS112
Windows ADS Server
IP Camera
PC / Mac / Linux
PC / Mac / Linux
Power
Button
LED
Indicators
Fan
USB 3.0
LAN Port
Power Port
RESET
Button
eSATA Port



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com