Electronic Components Datasheet Search
  English  ▼

X  

AM26C31MJ Datasheet(PDF) 3 Page - Texas Instruments

Part # AM26C31MJ
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26C31MJ Datasheet(HTML) 3 Page - Texas Instruments

  AM26C31MJ Datasheet HTML 1Page - Texas Instruments AM26C31MJ Datasheet HTML 2Page - Texas Instruments AM26C31MJ Datasheet HTML 3Page - Texas Instruments AM26C31MJ Datasheet HTML 4Page - Texas Instruments AM26C31MJ Datasheet HTML 5Page - Texas Instruments AM26C31MJ Datasheet HTML 6Page - Texas Instruments AM26C31MJ Datasheet HTML 7Page - Texas Instruments AM26C31MJ Datasheet HTML 8Page - Texas Instruments AM26C31MJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AM26C31
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS103J − DECEMBER 1990 − REVISED NOVEMBER 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic diagram (positive logic)
4Z
4Y
3Z
3Y
2Z
2Y
1Z
1Y
4A
3A
2A
1A
G
G
2
3
6
5
10
11
14
13
4
12
1
7
9
15
schematics of inputs and outputs
Input
VCC
TYPICAL OF ALL OUTPUTS
Output
VCC
GND
GND
EQUIVALENT OF EACH INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com