Electronic Components Datasheet Search
  English  ▼

X  

CD74HC374M Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC374M
Description  High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC374M Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC374M Datasheet HTML 1Page - Texas Instruments CD74HC374M Datasheet HTML 2Page - Texas Instruments CD74HC374M Datasheet HTML 3Page - Texas Instruments CD74HC374M Datasheet HTML 4Page - Texas Instruments CD74HC374M Datasheet HTML 5Page - Texas Instruments CD74HC374M Datasheet HTML 6Page - Texas Instruments CD74HC374M Datasheet HTML 7Page - Texas Instruments CD74HC374M Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Prerequisite for Switching Specifications
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
HC TYPES
Maximum Clock
Frequency
fMAX
2
6
-
-
5
-
-
4
-
-
MHz
4.5
30
-
-
25
-
-
20
-
-
MHz
6
35
-
-
29
-
-
23
-
-
MHz
Clock Pulse Width
tW
2
80
-
-
100
-
-
120
-
-
ns
4.5
16
-
-
20
-
-
24
-
-
ns
614
-
-
17
-
-
20
-
-
ns
Setup Time
Data to Clock
tSU
260
-
-
75
-
-
90
-
-
ns
4.5
12
-
-
15
-
-
18
-
-
ns
610
-
-
13
-
-
15
-
-
ns
Hold Time
Data to Clock
tH
25
-
-
5
-
-
5
-
-
ns
4.5
5
-
-
5
-
-
5
-
-
ns
65
-
-
5
-
-
5
-
-
ns
HCT TYPES
Maximum Clock
Frequency
fMAX
4.5
30
-
-
25
-
-
20
-
-
MHz
Clock Pulse Width
tW
4.5
16
-
-
20
-
-
24
-
-
ns
Setup Time
Data to Clock
tSU
4.5
12
-
-
15
-
-
18
-
-
ns
Hold Time
Data to Clock
tH
4.5
5
-
-
5
-
-
5
-
-
ns
Switching Specifications CL = 50pF, Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay
tPLH, tPHL
CL = 50pF
Clock to Output
2
-
-
165
-
205
-
250
ns
4.5
-
-
33
-
41
-
50
ns
CL = 15pF
5
-
15
-
-
-
-
-
ns
CL = 50pF
6
-
-
28
-
35
-
43
ns
Output Disable to Q
tPLZ,tPHZ
CL = 50pF
2
-
-
135
-
170
-
205
ns
4.5
-
-
27
-
34
-
41
ns
CL = 15pF
5
-
11
-
-
-
-
-
ns
CL = 50pF
6
-
-
23
-
29
-
35
ns
CD54/74HC374, CD54/74HCT374, CD54/74HC574, CD54/74HCT574



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com