Electronic Components Datasheet Search
  English  ▼

X  

DS211 Datasheet(PDF) 2 Page - Synology Inc.

Part # DS211
Description  Synology DiskStation DS211
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS211 Datasheet(HTML) 2 Page - Synology Inc.

  DS211 Datasheet HTML 1Page - Synology Inc. DS211 Datasheet HTML 2Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
DS211
CONNECTIONS & BUTTONS
Networking
SYNOLOGY INC.
Founded in 2000, Synology is a young and energetic
company dedicated to developing high-performance,
reliable, versatile, and environmentally-friendly
Network Attached Storage (NAS) products. Our goal
is to deliver user-friendly solutions and solid customer
service to satisfy the needs of businesses, home offices,
individual users and families.
Copyright © 2010, Synology Inc. All rights reserved.
Synology, the Synology logo are trademarks or
registered trademarks of Synology Inc. Other product
and company names mentioned herein may be
trademarks of their respective companies. Synology
may make changes to specification and product
descriptions at anytime, without notice.
Printed in Taiwan,
DS211-2010-ENU-REV003
http://www.synology.com
Headquarters
Synology Inc.
3F-3, No. 106, Chang An W. Rd., Taipei, Taiwan
Tel: +886 2 2552 1814 Fax: +886 2 2552 1824
North & South America
Synology America Corp.
2899 152nd Ave NE, Redmond, WA 98052. USA
Tel: +1 425 818 1587
Synology UK Ltd.
Davy Avenue, Knowlhill,
Milton Keynes, Bucks,
MK5 8PB, UK
Tel: +44 01908 673 709
TechnicalSpecifications
Hardware
• CPU Frequency: 1.6GHz
• Memory Bus: 16bit@DDR1066
• Memory: 256MB
• Internal HDD1: 2X 3.5” SATA(II) or 2X 2.5” SATA/SSD using
Synology Disk Holder Type C
• Max Internal Capacity: 6TB
• Size (HxWxD): 161mm X 88mm X 218mm
• External HDD Interface: USB 2.0 port X 3
• Weight: 0.98Kg
• LAN: Gigabit X1
• Wireless Support2
• Hardware Encryption Engine
• Fan: X1(70 X 70 X 25mm)
• Power Recovery
• AC Input Power Voltage: 100V to 240V
• Power Frequency: 50Hz to 60Hz, Single Phase
• Power Consumption3: 22W (Access); 10.8W (HDD
Hibernation)
• Operating Temperature: 5°C to 35°C (40°F to 95°F)
• Storage Temperature: -10°C to 70°C (15°F to 155°F)
• Relative Humidity: 5% to 95%RH
• Maximum Operating Altitude: 10,000 feet
• Certification: FCC Class B, CE Class B, BSMI Class B
Applications
File Browser / File Station
FTP Server
• Bandwidth Control
• Custom FTP Passive Port Range
• Anonymous FTP
• Transfer Log
Web Station
• Virtual Host (up to 30 websites)
• PHP/MySQL
• Alternative HTTP Error Page
• 3rd-Party Applications Support
Surveillance Station
• Default IP cam #: 1
• MAX IP cam # (licenses required): 84
Photo Station
• Supported Image Format: BMP, JPG (jpe, jpeg), GIF, RAW
(arw, srf, sr2, dcr, k25, kdc, cr2, crw, nef, mrw, ptx, pef, raf,
3fr, erf, mef, mos, orf, rw2, dng, x3f)
• Supported Video Format5 : 3G2, 3GP, ASF, AVI, DAT, DivX,
FLV, M4V, MOV, MP4, MPEG, MPG, QT, WMV, XviD, RM,
RMVB, VOB, RV30, RV40, AC3, AMR, WMA3
Download Station
• Supported Download Protocols: BT/HTTP/FTP/NZB/eMule
• Custom BitTorrent Port Range
• BitTorrent / eMule Bandwidth Control
Audio Station
• Supported Audio Format: (USB Mode) AAC, FLAC, M4A,
MP3, Ogg Vorbis, WMA, WMA VBR; (Streaming Mode)
MP3, M4A, M4B
• Supported Playlist Format: M3U, WPL
• Internet Radio: SHOUTcast, Radioio
DLNA/UPnP Media Server
• DLNA Certified
• PS3/Xbox 360 Support
• Supported Audio Format: AAC, FLAC, M4A, MP3, Ogg,
Vorbis, PCM, WAV, WMA, WMA VBR, WMA PRO, WMA
Lossless
• Supported Video Format: 3GP, 3G2, ASF, AVI, DAT, DivX,
DVR-MS, ISO, M2T, M2TS, M4V, MKV, MP4, MPEG1, MPEG2,
MPEG4, MTS, MOV, QT, SWF, TP, TRP, TS, VOB, WMV, XviD,
RV30, RV40, AC3, AMR, WMA3
• Supported Image Format: BMP, JPG (jpe, jpeg), GIF, ICO,
PNG, PSD, TIF (tiff), UFO, RAW (arw, srf, sr2, dcr, k25, kdc,
cr2, crw, nef, mrw, ptx, pef, raf, 3fr, erf, mef, mos, orf, rw2,
dng, x3f)
• Supported Subtitles Format: srt, psb, smi, ass, ssa, sub,
idx, ifo
iTunes Server
• Supported Audio Format6: MP3, M4A, M4P, WAV, AIF
• Supported Video Format: M4V, MOV, MP4
• Supported Playlist Format: M3U, WPL
Print Server7
• Max Printer #: 2
• Supported Protocols: LPR, CIFS, AppleTalk
Synology Packages
• Mail Station
• Squeezebox Server
• Webalizer
• phpMyAdmin
• Time Backup
iPhone and Android Applications
• DS photo+
• DS audio
• DS cam
General Specifications
Networking Protocols
• CIFS, AFP, FTP, iSCSI, Telnet, SSH, NFS, WebDAV, SNMP
File System
• EXT4
• EXT3
• FAT32 (External Disk Only)8
• NTFS (External Disk Only)9
Volume Management
• Synology Hybrid RAID
• Max iSCSI Target / LUN: 10 / 10
• Volume Type: Basic, JBOD, RAID 0, RAID 1
• RAID Migration: from Basic to RAID 1
• Expand RAID 1 with Larger Hard Drives
File Sharing Capability
• Max User Account: 2048
• Max Group: 256
• Max Shared Folder: 256
• Max Concurrent Connections (SAMBA, FTP, AFP): 128
Windows Access Control List (ACL) Support
Windows ADS Domain Integration
• Domain Users login via Samba/AFP/FTP/File Station
Backup Solutions
• Network Backup
• Local Backup
• Desktop Backup (using Synology Data Replicator 3 or
Apple Time Machine backup application)
• 3rd-Party Backup Support
Security
• FTP over SSL/TLS
• IP Auto-Block
• Firewall
• Encrypted Network Backup over rsync
• HTTPS Connection
Management
• DSM Upgrade
• Email Notification
• SMS Notification
• Customized User Quota
• DDNS Support
• PPPoE
• Resource Monitor
• UPS Management
• Scheduled Power On/Off
• Custom Management UI HTTP/HTTPS Ports
HDD Management
• HDD Hibernation
• S.M.A.R.T.
• Dynamic Bad Sector Mapping
Utilities
• Synology Assistant
• Synology Download Redirector
• Synology Data Replicator
Supported Browsers
• Chrome 5
• Internet Explorer 7 and 8
• Firefox 3.5 and 3.6
• Safari 4 and 5 (Mac)
Supported Clients
• Windows 2000 onward
• Mac OS X 10.3 onward
• Ubuntu 9.04 onward
Supported Mobile Devices (Photo Station, File Station)
• iPhone OS 2.2.1 onward
• Android OS 1.5 onward
• Windows Mobile (IE Mobile or Opera 9.0 onward)
• Symbian OS 9.1, S60 3rd Edition onward
Language
• Czech, Danish, Dutch, English, French, German, Hungarian,
Italian, Japanese, Korean, Norwegian, Polish, Portuguese
Brazil, Portuguese European, Russian, Simplified Chinese,
Spanish, Swedish, Traditional Chinese, Turkish
Environment and Packaging
Environment
• RoHS Compliant
Package Content
• DS211 Main Unit
• Installation DVD
• Welcome Note
• Assembling Kit
• AC Power Adapter
• AC Power Cord
• 2M RJ-45 LAN Cable
Optional Accessories
• Synology Remote
• Camera License Pack
1. Hard drive not included.
2. Wireless dongles not included. Please check http://www.synology.
com/ for supported wireless dongles.
3. Measured with 2 Seagate 750GB ST3750640NS hard drive. The
figures could vary on different environments.
4. 1 free license to install 1 IP camera. Additional licenses can be
purchased to expand the license quota.
5. User can click and download the following video formats: RM,
RMVB, VOB, RV30, RV40, AC3, AMR, WMA3, but not able to play it
in Photo Station as compressed Flash video.
6. The music in WAV and AIF format can be streamed, but the
metadata (ex: title, album) may not be indexed on the iTunes.
7. For Mac users, DS211 supports PostScript USB printers only
8. Primary partition only.
9. Primary partition only.
FAN
AC Input
LAN
Safety Lock
USB Printer
DS211
External Disk
Wireless Router
DS211
Windows ADS Server
IP Camera
PC / Mac / Linux
PC / Mac / Linux
USB 2.0
RESET
USB 2.0
LED
POWER
USB Copy
USB
Speakers
Synology
Remote



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com