Electronic Components Datasheet Search
  English  ▼

X  

TC7PB54FC Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7PB54FC
Description  Single 1-of-3 Demultiplexer with N-channel pull-down MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PB54FC Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7PB54FC Datasheet HTML 1Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 2Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 3Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 4Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 5Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 6Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 7Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 8Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC7PB54FC/FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PB54FC,TC7PB54FK
Single 1-of-3 Demultiplexer with N-channel pull-down MOSFET
The TC7PB54 is a single 1-of-3 high-speed CMOS
demultiplexer designed for low-voltage applications. The low
ON-resistance of the switch allows the input (COM) to be
connected to the outputs (Ch0 and Ch1) while maintaining CMOS
low power dissipation. The device uses P-channel MOSFETs for
the switch block between the input and output pins.
The single-input multiplexer can direct the potential supplied on
the COM pin to one of the Ch0 to Ch2 pins depending on the
combined state of control pins A and B. The unused Chx pins are
clamped to ground using an N-channel MOSFET.
All inputs are equipped with protection circuits against static
discharge.
Features
• Operating voltage range: VCC = 2 to 3.6 V
• High-speed operation: tpd = 70 ns (max) @2.7 V
• Very low ON-resistance: RON = 3 Ω (max) @2.7 V
• High latch-up immunity: Higher than or equal to ±300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Package: CSON8 (CST8), SSOP8 (US8)
Pin Assignment (top view)
Marking
TC7PB54FC
CSON8-P-0.4
TC7PB54FK
Weight
CSON8-P-0.4: 0.002 g (typ.)
SSOP8-P-0.50A: 0.01 g (typ.)
TC7PB54FK
GND
Ch0
VCC
B
Ch1 Ch2
CO
1
top view
23
4
A
8
76
5
top view
1
2
3
4
8
7
6
5
TC7PB54FC
GND
Ch0
VCC
B
Ch1 Ch2
COM
A
TC7PB54FC
1
2
3
4
8
7
6
5
P00A
TC7PB54FK
1
PB
54
23
4
8
76
5


Similar Part No. - TC7PB54FC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7PB53TU TOSHIBA-TC7PB53TU Datasheet
170Kb / 7P
Single 1-of-2 Demultiplexer with N-channel pull-down MOSFET
More results

Similar Description - TC7PB54FC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16214 TI-SN74CBT16214 Datasheet
78Kb / 5P
12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74LVC1G18 PHILIPS-74LVC1G18 Datasheet
77Kb / 14P
1-of-2 non-inverting demultiplexer with 3-state deselected output
2003 Jul 25
logo
Texas Instruments
SN74LVC1G18 TI-SN74LVC1G18 Datasheet
332Kb / 13P
1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74CBT16214 TI-SN74CBT16214_07 Datasheet
283Kb / 10P
12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7PB53TU TOSHIBA-TC7PB53TU Datasheet
170Kb / 7P
Single 1-of-2 Demultiplexer with N-channel pull-down MOSFET
logo
Texas Instruments
SN74CBT16214 TI-SN74CBT16214_08 Datasheet
313Kb / 10P
12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74LVC1G18 TI-SN74LVC1G18_07 Datasheet
497Kb / 13P
1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
Unisonic Technologies
U74LVC1G18 UTC-U74LVC1G18 Datasheet
230Kb / 7P
1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
Texas Instruments
74CBT16214DGGRE4 TI-74CBT16214DGGRE4 Datasheet
298Kb / 10P
12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74LVC1G18 TI1-SN74LVC1G18_15 Datasheet
1Mb / 23P
1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com