Electronic Components Datasheet Search
  English  ▼

X  

T5035H-8PI Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # T5035H-8PI
Description  Triacs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

T5035H-8PI Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  T5035H-8PI Datasheet HTML 1Page - Inchange Semiconductor Company Limited T5035H-8PI Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Triacs
T5035H-8PI
www.iscsemi.com
1
FEATURES
· With TO-3P Insulated Package
· 50A RMS Snubberless Triac
· 800V Symmetrical blocking voltage
· High Junction Temperature
APPLICATIONS
· Lighting and Automation I/O Control
· Water Heater, Room Heater and Coffee Machine
· AC Induction and Universal Motor Control
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive Peak Off-state Voltage
800
V
VRRM
Repetitive Peak Off-state Voltage
800
V
IT(RMS)
Non Repetitive Surge Peak On-state Current (full cycle)
50
A
ITSM
Non-repetitive Peak On-state Current
tp=20ms
500
A
I2t
I2t Value for Fusing (t=10ms)
1653
A2S
PG(AV)
Average Gate Power Dissipation TJ = 150°C
1
W
TJ
Operating Junction Temperature
-40~150
℃
Tstg
Storage Temperature
-40~150
℃
VISOL
Isolation Voltage
2500
V
dl/dt
Critical rate of rise of on-state current
100
A/µs
dV/dt
Critical rate-of-rise of off-state voltage
2000
V/µs


Similar Part No. - T5035H-8PI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T5035H-8PI STMICROELECTRONICS-T5035H-8PI Datasheet
226Kb / 11P
50 A - 800 V - 150 °C 8H-Triac in TOP3 Ins.
05-Oct-2021
More results

Similar Description - T5035H-8PI

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
Triacs
October 1997 Rev 1.200
BT137X PHILIPS-BT137X Datasheet
53Kb / 7P
Triacs
September 1997 Rev 1.200
BT138B PHILIPS-BT138B Datasheet
52Kb / 6P
Triacs
October 1997 Rev 1.200
BTA140 PHILIPS-BTA140 Datasheet
47Kb / 6P
Triacs
September 1997 Rev 1.200
logo
STMicroelectronics
BTB15B STMICROELECTRONICS-BTB15B Datasheet
177Kb / 4P
TRIACS
Feb-1989
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com