Electronic Components Datasheet Search
  English  ▼

X  

AX93262 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX93262
Description  3.5” Embedded SBC with Intel Atom® x5-E3940 Processor, LVDS, HDMI, 2 GbE LAN and Audio
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX93262 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX93262 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
57
www.axiomtek.com
© 2019 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
SATA
1 x SATA-600
Hardware Monitoring
Detect CPU/system temperature and voltage
Ethernet
2 x 10/100/1000 Mbps Ethernet with Intel® I210-AT;
support Wake-on-LAN, PXE Boot ROM
Audio
HD Codec audio as MIC-in/Line-in/Line out with Realtek
ALC888S
USB
2 x USB 2.0
4 x USB 3.0
Serial
2 x RS-232/422/485
TPM
ST ST33HTPH2X32AHD8 with TPM 2.0 compliant (optional)
SMBus
Yes
Others
1 x I
2C
Digital I/O
8-channel in/out programmed
CPU
Intel Atom® x5-E3940 processor onboard
System Memory
1 x 204-pin DDR3L-1867 SO-DIMM, up to 8GB
Chipset
SoC integrated
BIOS
AMI
SSD
1 x mSATA
Watchdog Timer
65536 levels, 1 to 65535 sec.
Expansion Interface
1 x Full-size PCI Express Mini Card slot
1 x USB, 1 x PCIe x1, 1 x LPC, 1 x SMBus through a ZIO
connector
Battery Lithium
Lithium 3V/220mAH
Power Input
2 x 2 pin connector
+12V to 24 VDC-in
AT Auto Power On function supported
Power Requirements
Intel Atom® x5-E3940 @1.6GHz 8GB DDR3L
Max. RMS: +24V @0.8A
Dimensions
146 x 104 mm
Board Thickness
1.6 mm
Operating Temperature
-40°C to +80°C (-40°F to 185°F)
Humidity
10% to 95% relative humidity, non-condensing
CAPA310
3.5” Embedded SBC with Intel Atom® x5-E3940 Processor, LVDS, HDMI,
2 GbE LAN and Audio
Chipset
Intel® integrated Gfx graphic engine
Memory Size
Share system memory
Display Interface
1 x HDMI
1 x LVDS; 18/24-bit single/dual channel
1 x VGA (optional)
I/O
Core System
Display
Features
● Intel Atom® x5-E3940 processor
● 1 DDR3L SO-DIMM for up to 8GB of memory
● 2 USB 2.0 and 4 USB 3.0
● 1 PCI Express Mini Card slot
● ZIO connector
Standard
CAPA310HGGA-E3940-ZIO
(P/N: E38E310100)
3.5” embedded SBC with Intel Atom® x5-E3940 processor
(1.6 to 1.8 GHz, 2MB Cache, 9.5W), HDMI, LVDS, 2 GbE
LAN, audio, ZIO, and heatsink
Optional
CAPA310HGGA-E3940-ZIO
w/TPM
(P/N: E38E310104)
3.5" embedded SBC with Intel Atom® x5-E3940 processor
(1.6 to 1.8 GHz, 2MB Cache, 9.5W), HDMI, LVDS, 2 GbE LAN,
audio, TPM2.0, ZIO, and heatsink
AX93262
(P/N: E393262100)
ZIO module for 2 RS-232/422/485, 2 RS-232, 1 PCI Express
Mini Card slot
AX93285
(P/N: E393285100)
ZIO module for 2 RS-232, 32-bit programmable DIO
AX93291
(P/N: E393291100)
ZIO module for 2 RS-232, 2 GbE LAN
AX93295
(P/N: E393295100)
ZIO module for 2 isolated RS-232, 2 USB 3.0
59380880250E
COM port cable DB9-9 x 1-pin, P=1.25 mm, L=250 mm
594E8422800E
2 x USB 2.0 cable with bracket L=180 mm
E393A19100
AX93A19, SIM card slot board
59312260020E
Audio cable with bracket, P=1.25 mm, L=450 mm
Ordering Information
Top view
Rear view
HDMI
+12V - 24V power input
SATA3
COM
2 x USB 3.0
LVDS
2 x USB 3.0
2 x LAN
2 x USB 2.0
COM
Audio
ZIO connector
(1 x PCIex1, 1 x USB,
1 x LPC, 1 x SMBus)
mSATA
Full-size PCI Express
Mini Card slot
DDR3L SO-DIMM
Ext. Temp
Fanless
Low Power
Full Solid
Cap Design
AiRD
PCIe Mini
PCIe Mini
PCIe Mini
DualView
DDR3L
DDR3L
DDR3L
12-24V
Updated Aug. 10, 2023.


Similar Part No. - AX93262

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX93262 AXIOMTEK-AX93262 Datasheet
296Kb / 1P
ZIO Module
AX93262 AXIOMTEK-AX93262 Datasheet
326Kb / 1P
2 DDR3L SO-DIMM support up to 8 GB memory capacity
AX93262 AXIOMTEK-AX93262 Datasheet
433Kb / 1P
3.5" Embedded SBC with LGA1151 Socket for 7th/6th Gen Intel® Core™ i7/i5/i3 Processor, LVDS, VGA, HDMI, 2 GbE LANs and Audio
Apr. 24, 2024.
AX93262 AXIOMTEK-AX93262 Datasheet
373Kb / 1P
3.5” Embedded SBC with LGA1151Socket 9th/8th Gen Intel® Core™ i7/i5/i3, Pentium® & Celeron® Processor, DisplayPort, HDMI, LVDS and 3 GbE LAN
Dec. 22, 2021.
AX93262 AXIOMTEK-AX93262 Datasheet
414Kb / 2P
ZIO Modules
Jul. 09, 2020.
More results

Similar Description - AX93262

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CAPA841 AXIOMTEK-CAPA841 Datasheet
395Kb / 1P
Intel짰 Atom Processor E3845/E3827 3.5 Embedded SBC with LVDS/VGA/HDMI,Dual LANs and Audio
CAPA842 AXIOMTEK-CAPA842 Datasheet
337Kb / 1P
Intel Celeron Processor J1900/N2807 3.5 Embedded SBC with LVDS/VGA/HDMI,Dual LANs and Audio
EBOX625-841-FL AXIOMTEK-EBOX625-841-FL Datasheet
196Kb / 1P
Fanless Embedded System with Intel Atom Processor E3826 1.46GHz, HDMI, VGA, 2 GbE LAN, 4 USB and 2 COM
PICO841 AXIOMTEK-PICO841_17 Datasheet
302Kb / 1P
Pico-ITX SBC with Intel Atom Processor E3845/E3827, LVDS/VGA, LAN and Audio
CAPA313 AXIOMTEK-CAPA313 Datasheet
402Kb / 1P
3.5??Embedded SBC with Intel짰 Pentium짰 Processor N4200 & Celeron짰 Processor N3350, LVDS/HDMI, Dual GbE LANs and Audio
logo
Advantech Co., Ltd.
PCA-6013 ADVANTECH-PCA-6013 Datasheet
1Mb / 2P
Intel® Atom™ N455/D525 SBC with VGA/Dual GbE LAN
5-Jun-2015
FWA-1211 ADVANTECH-FWA-1211 Datasheet
825Kb / 2P
Industrial Grade Cyber Security Appliance based on Intel® Atom™ x5-E3940/ x5-E3930 Processor
17-Jun-2021
FWA-2011 ADVANTECH-FWA-2011 Datasheet
479Kb / 2P
1U Rackmount Network Appliance with Intel® Atom™ X5-E3940 Processor and 6 GbE ports
15-Feb-2019
logo
AAEON Technology
SRG-APL AAEON-SRG-APL Datasheet
627Kb / 2P
Standard IoT Gateway System with Intel Atom X5-E3940 Processor SoC
2022/08/29
UPC-PLUSX5D-A20-0232 AAEON-UPC-PLUSX5D-A20-0232 Datasheet
486Kb / 2P
UP Core Plus Developer Board with Intel® Atom™ x5-E3930/x5-E3940/x7-E3950 Processor SoC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com