Electronic Components Datasheet Search
  English  ▼

X  

AX93262 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX93262
Description  3.5" Embedded SBC with LGA1151 Socket for 7th/6th Gen Intel® Core™ i7/i5/i3 Processor, LVDS, VGA, HDMI, 2 GbE LANs and Audio
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX93262 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX93262 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
56
www.axiomtek.com
© 2019 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
5
7
4
6
8
1
Accessories
59380880250E
COM port cable DB9-9 x 1-pin, P=1.25, L=250 mm
594E8422800E
2 x USB 2.0 cable with bracket, L=180 mm
738E8800000E
Heatsink with fan
59312260020E
Audio cable P=1.25, L=450mm
CPU
LGA1151 socket for 7th/6th gen Intel® Core™ i7/i5/i3
processor (TDP=35W only)
System Memory
1 x 260-pin DDR4-2400 SO-DIMM, up to 16GB
Chipset
Intel® H110
Intel® Q170 (optional)
BIOS
AMI
SSD
N/A
Watchdog Timer
255 levels, 1 to 255 sec.
Expansion Interface
1 x Full-size PCI Express Mini Card slot with mSATA
supported
1 x USB, 1 x PCIe x1, 1 x LPC, 1 x SMBus through a ZIO
connector (optional)
Battery Lithium
Lithium 3V/220mAH
Power Input
2 x 2-pin connector
+12V DC-in only
AT Auto Power On function supported
Dimensions
146 x 104 mm
Board Thickness
1.6 mm
Operating Temperature
-20°C to +60°C (-4°F to +140°F)
Humidity
10% to 95% relative humidity, non-condensing
SATA
1 x SATA-600
Hardware Monitoring
Detect CPU/system temperature, voltage and fan speed
Ethernet
1 x 10/100/1000 Mbps Ethernet with Intel® i211-AT,
supporting Wake-on-LAN, and PXE Boot ROM
1 x 10/100/1000 Mbps Ethernet with Intel® i219-LM,
supporting Wake-on-LAN, and PXE Boot ROM
Audio
HD Codec audio as MIC-in/Line-in/Line-out with Realtek
ALC662
USB
3 x USB 3.0
3 x USB 2.0
Serial
1 x RS-232/422/485; with +5V/+12V powered
TPM
N/A
SMBus
Yes
Others
Intel® AMT 11 (optional)
Digital I/O
8-channel in/out programmable
Chipset
Intel® integrated Gfx graphic engine
Memory Size
Share system memory
Display Interface
1 x VGA
1 x LVDS; 18/24-bit single/dual channel
1 x HDMI
I/O
Packing List
Core System
Display
Top view
Rear view
DDR4 SO-DIMM
Full-size PCI Express
Mini Card slot with
mSATA supported
ZIO connector
(1 x PCIe x1,
1 x USB, 1 x LPC,
1 x SMBus)
2 x LAN
LVDS
Audio
COM
SATA 3.0
2 x USB 2.0
2 x USB 3.0
VGA
HDMI
+12V power input
USB 3.0 + USB 2.0
Assembly View
CAPA500
3.5" Embedded SBC with LGA1151 Socket for 7th/6th Gen Intel® Core™ i7/i5/i3
Processor, LVDS, VGA, HDMI, 2 GbE LANs and Audio
Features
● LGA1151 socket 7th/6th gen Intel® Core™ i7/i5/i3 processor
(Kaby Lake/Skylake)
● Intel® H110 chipset (Q170 optional)
● 1 DDR4 SO-DIMM for up to 16GB of memory
● 3 USB 2.0 and 3 USB 3.0
● Intel® AMT 11 supported (optional)
● Dual view for H110 chipset; triple view for Q170 chipset
Standard
CAPA500VHGGA-H110-ZI0
(P/N: E38E500101)
3.5" embedded SBC with LGA1151 socket 7th/6th gen
Intel® Core™ i7/i5/i3 processor, Intel® H110 chipset,
LVDS, VGA, HDMI, 2 GbE LANs, audio and ZIO connector
CAPA500VHGGA-Q170-ZI0
(P/N: E38E500100)
3.5" embedded SBC with LGA1151 socket 7th/6th gen
Intel® Core™ i7/i5/i3 processor, Intel® Q170 chipset,
LVDS, VGA, HDMI, 2 GbE LANs, audio and ZIO connector
Optional
AX93262
(P/N: E393262100)
ZIO module for 2 RS-232/422/485, 2 RS-232,
1 PCI Express Mini Card slot
AX93285
(P/N: E393285100)
ZIO module for 2 RS-232, 32-bit programmable DIO
AX93291
(P/N: E393291100)
ZIO module for 2 RS-232, 2 GbE LAN
AX93295
(P/N: E393295100)
ZIO module for 2 isolated RS-232, 2 USB 3.0
AX93A20
(P/N: E393A20100)
ZIO module for PCI Express Mini Card slot
AX93A20
(P/N: E393A20101)
ZIO module for M.2 key E
Ordering Information
TripleView
DDR4
DDR4
DDR4
PCIe Mini
PCIe Mini
PCIe Mini
+12V
AiRD
Full Solid
Cap Design
Updated Apr. 24, 2024.


Similar Part No. - AX93262

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX93262 AXIOMTEK-AX93262 Datasheet
296Kb / 1P
ZIO Module
AX93262 AXIOMTEK-AX93262 Datasheet
326Kb / 1P
2 DDR3L SO-DIMM support up to 8 GB memory capacity
AX93262 AXIOMTEK-AX93262 Datasheet
436Kb / 1P
3.5” Embedded SBC with Intel Atom® x5-E3940 Processor, LVDS, HDMI, 2 GbE LAN and Audio
Aug. 10, 2023.
AX93262 AXIOMTEK-AX93262 Datasheet
373Kb / 1P
3.5” Embedded SBC with LGA1151Socket 9th/8th Gen Intel® Core™ i7/i5/i3, Pentium® & Celeron® Processor, DisplayPort, HDMI, LVDS and 3 GbE LAN
Dec. 22, 2021.
AX93262 AXIOMTEK-AX93262 Datasheet
414Kb / 2P
ZIO Modules
Jul. 09, 2020.
More results

Similar Description - AX93262

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CAPA500 AXIOMTEK-CAPA500 Datasheet
341Kb / 1P
LGA1151 6th/7th gen Intel짰 Core??i7/i5/i3 processor
EBOX640-500-FL AXIOMTEK-EBOX640-500-FL Datasheet
296Kb / 1P
LGA1151 socket 6th/7th gen Intel짰 Core??i7/i5/i3 & CeleronR processor
CAPA500VHGGA-Q170-ZIO AXIOMTEK-CAPA500VHGGA-Q170-ZIO Datasheet
350Kb / 2P
3.5 Embedded SBC with LGA1151 Socket 6th/7th Gen Intel짰 Core??i7/i5/i3 Processor, LVDS/ VGA/HDMI, Dual LANs and Audio
MANO500 AXIOMTEK-MANO500_17 Datasheet
322Kb / 1P
Mini-ITX SBC with LGA1151 Socket 6th/7th Gen Intel Core Processor
PICO511 AXIOMTEK-PICO511 Datasheet
280Kb / 1P
Pico-ITX SBC with 7th Gen Intel Core i7/i5/i3 and Celeron짰 Processor
EBOX700-891-FL AXIOMTEK-EBOX700-891-FL Datasheet
356Kb / 1P
Fanless Embedded System with LGA1151 Socket 6th/7th Gen Intel짰 Core i7/i5/i3
logo
BCM Advanced Research.
ECM-KBLH BCM-ECM-KBLH Datasheet
382Kb / 1P
7th Gen Intel® Core ™ Processor i7/i5/i3 3.5”Micro Module with Intel® QM175 Chipset
2022/02/24
ECM-RPLP BCM-ECM-RPLP Datasheet
962Kb / 2P
13th Gen Intel® Core™ i7/i5/i3 Mobile Processor onboard, 3.5” SBC
05/25/2023
ECM-SKLH BCM-ECM-SKLH Datasheet
344Kb / 1P
6th Gen Intel®Core ™ Processor i7/i5/i3 3.5”Micro Module with Intel® QM170 Chipset
ECM-SKLU BCM-ECM-SKLU Datasheet
360Kb / 1P
6th Gen Intel® Core™ SoC Processor i7/i5/i3 3.5”Micro Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com