Electronic Components Datasheet Search
  English  ▼

X  

AX93262 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX93262
Description  3.5” Embedded SBC with LGA1151Socket 9th/8th Gen Intel® Core™ i7/i5/i3, Pentium® & Celeron® Processor, DisplayPort, HDMI, LVDS and 3 GbE LAN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX93262 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX93262 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
54
www.axiomtek.com
© 2021 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
5
7
4
6
8
9
1
10
● LGA1151 socket 9th/8th gen Intel® Core
TM i7/i5/i3
processor
● Intel® H310/Q370 chipset
● 1 DDR4 SO-DIMM for up to 16GB of memory
● 3 GbE LAN
● 1 PCI Express Mini Card slot
● Intel® AMT 12 supported (optional)
CAPA520 NEW
CPU
LGA1151 socket 9th/8th Gen Intel® Core™ i7/i5/i3,
Pentium® & Celeron® processor (TDP 35W)
System Memory
1 x 260-pin DDR4-2666 SO-DIMM, up to 16GB
Chipset
Intel® H310/Intel® Q370
BIOS
AMI
SSD
1 x mSATA (optional)
Watchdog Timer
255 levels, 1 to 255 sec.
Expansion Interface
1 x PCI Express Mini Card slot
1 x USB, 1x PCIe x1, 1 x LPC, 1 x SMBus through a ZIO
connector
Battery Lithium
Lithium 3V/220 mAh
Power Input
2 x 2-pin connector
+12V DC-in only
AT Auto Power On function supported
Dimensions
146 x 104 mm
Board Thickness
1.6 mm
Operating Temperature
-20°C to +60°C (-4°F to 140°F)
Humidity
10% to 95% relative humidity, non-condensing
SATA
2 x SATA-600
Hardware Monitoring
Detect CPU/system temperature, voltage and fan speed
Ethernet
1 x 10/100/1000 Mbps Ethernet with Intel® I210-AT;
supports Wake-on-LAN, PXE Boot ROM
1 x 10/100/1000 Mbps Ethernet with Intel® I219-LM;
supports Wake-on-LAN, PXE Boot ROM
1 x 10/100/1000 Mbps Ethernet with Intel® I210-AT;
supports Wake-on-LAN, PXE Boot ROM (optional)
Audio
HD Audio link
USB
3 x USB 3.2
3 x USB 2.0
Serial
1 x RS-232/422/485
TPM
N/A
SMBus
Yes
Digital I/O
8-channel in/out programmed
3.5” Embedded SBC with LGA1151Socket 9th/8th Gen Intel® Core™ i7/i5/i3, Pentium®
& Celeron® Processor, DisplayPort, HDMI, LVDS and 3 GbE LAN
Chipset
Intel integrated Gfx graphic engine
Memory Size
Share System memory
Display Interface
1 x HDMI
1 x LVDS; 18/24-bit single/dual channel
1 x DisplayPort
I/O
Core System
Display
Features
Standard
CAPA520PHGG-H310-ZIO
(P/N: E38E520103)
3.5” Embedded SBC with LGA1151, Intel® H310 chipset,
DisplayPort, HDMI, LVDS, 2 GbE LAN and ZIO
Ordering Information
Assembly View
Top view
Rear view
DDR4 SO-DIMM
Full-size PCI Express Mini Card
slot with mSATA supported
ZIO connector
(1 x PCIe x1,
1 x USB, 1
x LPC, 1 x
SMBus)
TripleView
DDR4
DDR4
DDR4
PCIe Mini
PCIe Mini
PCIe Mini
+12V
AiRD
Full Solid
Cap Design
HDMI
DisplayPort
USB 3.2 + USB 2.0
2 x USB 3.2
2 x LAN
2 x USB 2.0
1 x LAN
2 x SATA 3.0
COM
+12V power input
LVDS
Optional
CAPA520PHGG-Q370-ZIO
(P/N: E38E520102)
3.5” Embedded SBC with LGA1151, Intel® Q370 chipset,
DisplayPort, HDMI, LVDS, 2 GbE LAN and ZIO
CAPA520PH3G-H310-ZIO
(P/N: E38E520101)
3.5” Embedded SBC with LGA1151, Intel® H310 chipset,
DisplayPort, HDMI, LVDS, 3 GbE LAN and ZIO
CAPA520PH3G-Q370-ZIO
(P/N: E38E520100)
3.5” Embedded SBC with LGA1151, Intel® Q370 chipset,
DisplayPort, HDMI, LVDS, 3 GbE LAN and ZIO
AX93262
(P/N: E393262100)
ZIO module for 2 RS-232/422/485, 2 RS-232,
1 PCI Express Mini Card slot
AX93285
(P/N: E393285100)
ZIO module for 2 RS-232, 32-bit programmable DIO
AX93291
(P/N: E393291100)
ZIO module for 2 RS-232, 2 GbE LAN
AX93295
(P/N: E393295100)
ZIO module for 2 isolated RS-232, 2 USB 3.0
AX93A20
(P/N: E393A20100)
ZIO Module for PCI Express Mini Card slot
AX93A20
(P/N: E393A20101)
ZIO Module for M.2 Key E
AX93A22
(P/N: E393A22100)
HD codec audio board for Mic-in/Line-in/Line-out
594E8422800E
2 USB 2.0 wafer cables w/bracket, 180 mm
59380880250E
COM port cable DB-9 x 1P, P=1.25 mm, L=250 mm
Updated Dec. 22, 2021.


Similar Part No. - AX93262

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX93262 AXIOMTEK-AX93262 Datasheet
296Kb / 1P
ZIO Module
AX93262 AXIOMTEK-AX93262 Datasheet
326Kb / 1P
2 DDR3L SO-DIMM support up to 8 GB memory capacity
AX93262 AXIOMTEK-AX93262 Datasheet
436Kb / 1P
3.5” Embedded SBC with Intel Atom® x5-E3940 Processor, LVDS, HDMI, 2 GbE LAN and Audio
Aug. 10, 2023.
AX93262 AXIOMTEK-AX93262 Datasheet
433Kb / 1P
3.5" Embedded SBC with LGA1151 Socket for 7th/6th Gen Intel® Core™ i7/i5/i3 Processor, LVDS, VGA, HDMI, 2 GbE LANs and Audio
Apr. 24, 2024.
AX93262 AXIOMTEK-AX93262 Datasheet
414Kb / 2P
ZIO Modules
Jul. 09, 2020.
More results

Similar Description - AX93262

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-5375 ADVANTECH-MIO-5375 Datasheet
5Mb / 6P
11th Gen. Intel® Core™ i7/i5/i3/Celeron U-Series 3.5" SBC w/ MIOe
10-Jun-2022
logo
AAEON Technology
GENE-CML5 AAEON-GENE-CML5 Datasheet
447Kb / 2P
3.5” SubCompact Board with 10th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® Processor
2022/10/25
GENESYS-CML5 AAEON-GENESYS-CML5 Datasheet
476Kb / 2P
3.5” SubCompact Board System with 10th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® Processor SoC
2022/10/05
GENE-WHU6 AAEON-GENE-WHU6 Datasheet
582Kb / 2P
3.5” SubCompact Board with 8th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2022/10/25
GENESYS-WHU6 AAEON-GENESYS-WHU6 Datasheet
483Kb / 2P
3.5" SubCompact Board System with 8th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2022/10/05
PCM-CFS AAEON-PCM-CFS Datasheet
483Kb / 2P
Compact Board with 8th/9th Generation Intel® Core™ i7/i5/i3 and Celeron® Processor (socket type)
PICO-WHU4-SEMI AAEON-PICO-WHU4-SEMI Datasheet
392Kb / 2P
PICO-SEMI Embedded with 8th Generation Intel® Core™ i7/i5/i3/Celeron® U-Series Processor SoC
2022/11/30
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
ECM-RPLP BCM-ECM-RPLP Datasheet
962Kb / 2P
13th Gen Intel® Core™ i7/i5/i3 Mobile Processor onboard, 3.5” SBC
05/25/2023
ECM-TGU BCM-ECM-TGU Datasheet
3Mb / 2P
11th Gen Intel® Tiger Lake U Core™ SoC i7/i5/i3 & Celeron® BGA Processor Onboard 3.5” SBC
02/17/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com