Electronic Components Datasheet Search
  English  ▼

X  

0802765 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0802765
Description  EMT (31X12,5)R YE CUS - Insert label
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0802765 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0802765 Datasheet HTML 1Page - PHOENIX CONTACT 0802765 Datasheet HTML 2Page - PHOENIX CONTACT 0802765 Datasheet HTML 3Page - PHOENIX CONTACT 0802765 Datasheet HTML 4Page - PHOENIX CONTACT 0802765 Datasheet HTML 5Page - PHOENIX CONTACT 0802765 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Insert label, for marking Siemens ET 200SP controllers, can be ordered: by line, yellow, labeled
according to customer specifications, mounting type: insert, text field height: 12.5 mm, text field
width: 31 mm
Your advantages
EMT (31x12,5)R YE is a yellow insert label for marking Siemens ET 200SP controllers
•
Thanks to their special shape, the EMT (31x12,5)R insert labels remain securely inside the collar of the Siemens controller once inserted
•
Quick and inexpensive marking with THERMOMARK ... roll printers from Phoenix Contact
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
Marking service: Phoenix Contact can custom-mark all EMT ... markers according to your requirements
•
Commercial data
Item number
0802765
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8141
GTIN
4046356862196
Weight per piece (including packing)
2.6 g
Weight per piece (excluding packing)
1.99 g
Country of origin
PL
EMT (31X12,5)R YE CUS - Insert label
0802765
https://www.phoenixcontact.com/us/products/0802765
May 16, 2025, 7:33AM
Page 1 (6)


Similar Part No. - 0802765

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0802762 PHOENIX-0802762 Datasheet
195Kb / 7P
EML (20X8)RXL - Label
0802764 PHOENIX-0802764 Datasheet
53Kb / 2P
Thanks to their special shape, EMT insert labels remain securely inside the collar once inserted
More results

Similar Description - 0802765

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824348 PHOENIX-0824348 Datasheet
57Kb / 4P
Label - EML (15X6) R YE CUS
0800042 PHOENIX-0800042 Datasheet
49Kb / 3P
Insert label - EMT (103X23)R TQ
0803848 PHOENIX-0803848 Datasheet
50Kb / 2P
Insert label - US-EMT (31X12,5)
0803849 PHOENIX-0803849 Datasheet
50Kb / 2P
Insert label - US-EMT (31X12,5) YE
0803850 PHOENIX-0803850 Datasheet
51Kb / 2P
Insert label - US-EMT (31X12,5) GY
0803851 PHOENIX-0803851 Datasheet
50Kb / 2P
Insert label - US-EMT (50X26)
0803856 PHOENIX-0803856 Datasheet
50Kb / 2P
Insert label - US-EMT (103X23)
0803858 PHOENIX-0803858 Datasheet
50Kb / 2P
Insert label - US-EMT (23X109)
0803859 PHOENIX-0803859 Datasheet
50Kb / 2P
Insert label - US-EMT (23X109) YE
0803863 PHOENIX-0803863 Datasheet
51Kb / 2P
Insert label - US-EMT (13X109) YE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com