Electronic Components Datasheet Search
  English  ▼

X  

TC7SA32F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SA32F
Description  2-Input OR Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SA32F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SA32F Datasheet HTML 1Page - Toshiba Semiconductor TC7SA32F Datasheet HTML 2Page - Toshiba Semiconductor TC7SA32F Datasheet HTML 3Page - Toshiba Semiconductor TC7SA32F Datasheet HTML 4Page - Toshiba Semiconductor TC7SA32F Datasheet HTML 5Page - Toshiba Semiconductor TC7SA32F Datasheet HTML 6Page - Toshiba Semiconductor TC7SA32F Datasheet HTML 7Page - Toshiba Semiconductor TC7SA32F Datasheet HTML 8Page - Toshiba Semiconductor TC7SA32F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC7SA32F/FU
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SA32F,TC7SA32FU
2-Input OR Gate
Features
• Low voltage operation : VCC = 1.8~3.6 V
• High speed operation : tpd = 2.8 ns (max) (VCC = 3.0~3.6 V)
: tpd = 3.7 ns (max) (VCC = 2.3~2.7 V)
: tpd = 7.4 ns (max) (VCC = 1.8 V)
• High Output current
: IOH/IOL = ±24 mA (min) (VCC = 3.0 V)
: IOH/IOL = ±18 mA (min) (VCC = 2.3 V)
: IOH/IOL = ±6 mA (min) (VCC = 1.8 V)
• 3.6-V tolerant inputs
• 3.6-V power down protection output
• TC74VCX32 equivalent
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5~4.6
V
DC input voltage
VIN
−0.5~4.6
V
−0.5~4.6 (Note 1)
DC output voltage
VOUT
−0.5~VCC + 0.5 (Note 2)
V
Input diode current
IIK
−50
mA
Output diode current
IOK
−50 (Note 3)
mA
DC output current
IOUT
±50
mA
Power dissipation
PD
200
mW
DC VCC/ground current
ICC
±100
mA
Storage temperature range
Tstg
−65~150
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: VCC = 0 V
Note 2: High or low state. IOUT absolute maximum rating must be observed.
Note 3: VOUT < GND
TC7SA32F
TC7SA32FU
Weight
SSOP5-P-0.95 : 0.016 g (typ.)
SSOP5-P-0.65A : 0.006 g (typ.)


Similar Part No. - TC7SA32F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SA34F TOSHIBA-TC7SA34F Datasheet
168Kb / 9P
Non-Inverter with 3.6 V Tolerant Input and Output
13-Dec-2002
TC7SA34F TOSHIBA-TC7SA34F Datasheet
208Kb / 8P
Non-Inverter
TC7SA34FU TOSHIBA-TC7SA34FU Datasheet
168Kb / 9P
Non-Inverter with 3.6 V Tolerant Input and Output
13-Dec-2002
TC7SA34FU TOSHIBA-TC7SA34FU Datasheet
208Kb / 8P
Non-Inverter
TC7SA34F TOSHIBA-TC7SA34F_07 Datasheet
208Kb / 8P
Non-Inverter
More results

Similar Description - TC7SA32F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
2-input OR gate
1999 Jan 27
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
2-input OR Gate
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
2-INPUT OR GATE
logo
First Silicon Co., Ltd
FC74VHC1G32 FS-FC74VHC1G32 Datasheet
399Kb / 4P
2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com