Electronic Components Datasheet Search
  English  ▼

X  

TC7SA34F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SA34F
Description  Non-Inverter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SA34F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SA34F Datasheet HTML 1Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 2Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 3Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 4Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 5Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 6Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 7Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC7SA34F/FU
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SA34F,TC7SA34FU
Non-Inverter
Features
• Low voltage operation : VCC = 1.8~3.6 V
• High speed operation : tpd = 2.8 ns (max) (VCC = 3.0~3.6 V)
: tpd = 3.7 ns (max) (VCC = 2.3~2.7 V)
: tpd = 7.4 ns (max) (VCC = 1.8 V)
• High Output current
: IOH/IOL = ±24 mA (min) (VCC = 3.0 V)
: IOH/IOL = ±18 mA (min) (VCC = 2.3 V)
: IOH/IOL = ±6 mA (min) (VCC = 1.8 V)
• 3.6-V tolerant input
• 3.6-V power down protection output
• TC74VCX34 equivalent
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5~4.6
V
DC input voltage
VIN
−0.5~4.6
V
−0.5~4.6 (Note 1)
DC output voltage
VOUT
−0.5~VCC + 0.5 (Note 2)
V
Input diode current
IIK
−50
mA
Output diode current
IOK
−50 (Note 3)
mA
DC output current
IOUT
±50
mA
Power dissipation
PD
200
mW
DC VCC/ground current
ICC
±100
mA
Storage temperature range
Tstg
−65~150
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: VCC = 0 V
Note 2: High or low state. IOUT absolute maximum rating must be observed.
Note 3: VOUT < GND
TC7SA34F
TC7SA34FU
Weight
SSOP5-P-0.95 : 0.016 g (typ.)
SSOP5-P-0.65A : 0.006 g (typ.)


Similar Part No. - TC7SA34F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SA34F TOSHIBA-TC7SA34F Datasheet
168Kb / 9P
Non-Inverter with 3.6 V Tolerant Input and Output
13-Dec-2002
TC7SA34FU TOSHIBA-TC7SA34FU Datasheet
168Kb / 9P
Non-Inverter with 3.6 V Tolerant Input and Output
13-Dec-2002
More results

Similar Description - TC7SA34F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH34FU TOSHIBA-TC7WH34FU Datasheet
193Kb / 6P
TRIPLE NON-INVERTER
29-May-1998
logo
National Semiconductor ...
MM54HC34 NSC-MM54HC34 Datasheet
97Kb / 4P
Non-Inverter
MM74HCT34 NSC-MM74HCT34 Datasheet
125Kb / 3P
Non-Inverter
logo
Toshiba Semiconductor
TC7SG34AFS TOSHIBA-TC7SG34AFS Datasheet
175Kb / 6P
Non-Inverter
TC7SG34FE TOSHIBA-TC7SG34FE Datasheet
165Kb / 6P
NON-Inverter
TC7SG34FU TOSHIBA-TC7SG34FU Datasheet
170Kb / 6P
NON-Inverter
TC7W34FU TOSHIBA-TC7W34FU_07 Datasheet
197Kb / 7P
Triple Non-Inverter
TC7PG34AFE TOSHIBA-TC7PG34AFE Datasheet
141Kb / 6P
Dual NON-Inverter
TC7SG34FE TOSHIBA-TC7SG34FE_09 Datasheet
169Kb / 6P
NON-Inverter
TC7SZ34F TOSHIBA-TC7SZ34F_12 Datasheet
175Kb / 7P
Non-Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com