Electronic Components Datasheet Search
  English  ▼

X  

TC7SAU04FU Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7SAU04FU
Description  Inverter (Un-Buffer)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SAU04FU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7SAU04FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SAU04FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SAU04FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SAU04FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SAU04FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SAU04FU Datasheet HTML 6Page - Toshiba Semiconductor TC7SAU04FU Datasheet HTML 7Page - Toshiba Semiconductor TC7SAU04FU Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC7SAU04F/FU
2007-11-01
4
AC Characteristics (Ta = −40~85°C, input: tr = tf = 2.0 ns, CL = 30 pF, RL = 500 Ω)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.8
1.0
8.4
2.5
± 0.2
0.8
4.2
Propagation delay time
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
0.6
3.5
ns
For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Dynamic Switching Characteristics (Ta = 25°C, input: tr = tf = 2.0 ns, CL = 30 pF)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
VIN = 1.8 V, VIL = 0 V
(Note 8)
1.8
0.25
VIN = 2.5 V, VIL = 0 V
(Note 8)
2.5
0.6
Quiet output maximum dynamic VOL
VOLP
VIN = 3.3 V, VIL = 0 V
(Note 8)
3.3
0.8
ns
VIN = 1.8 V, VIL = 0 V
(Note 8)
1.8
−0.25
VIN = 2.5 V, VIL = 0 V
(Note 8)
2.5
−0.6
Quiet output minimum dynamic VOL
VOLV
VIN = 3.3 V, VIL = 0 V
(Note 8)
3.3
−0.8
ns
VIN = 1.8 V, VIL = 0 V
(Note 8)
1.8
1.5
VIN = 2.5 V, VIL = 0 V
(Note 8)
2.5
1.9
Quiet output minimum dynamic VOH
VOHV
VIN = 3.3 V, VIL = 0 V
(Note8)
3.3
2.2
ns
Note8:
Parameter guaranteed by design.
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Input capacitance
CIN
⎯
1.8, 2.5, 3.3
4
pF
Power dissipation capacitance
CPD
fIN = 10 MHz
(Note 9)
1.8, 2.5, 3.3
7
pF
Note 9: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation.
ICC (opr.) = CPD・VCC・fIN + ICC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com