Electronic Components Datasheet Search
  English  ▼

X  

LT-0087 Datasheet(PDF) 1 Page - BesTech Power Co., Ltd

Part # LT-0087
Description  For 11.1V 3S Li-ion Battery Packs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BESTECH [BesTech Power Co., Ltd]
Direct Link  http://www.bestechpower.com
Logo BESTECH - BesTech Power Co., Ltd

LT-0087 Datasheet(HTML) 1 Page - BesTech Power Co., Ltd

  LT-0087 Datasheet HTML 1Page - BesTech Power Co., Ltd LT-0087 Datasheet HTML 2Page - BesTech Power Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Battery Management System
PCM / BMS / PCB
For 11.1V 3S Li-ion Battery Packs
Tel: +86 755 29454916
BesTech Power Co.,Ltd
Fax: +86 755 29454917
SZ Factory: 3F, Bldg 3, Fulian Industrial Park, Heping Industrial area, Jianhui Rd, Longhua, ShenZhen, China.
深圳工厂:中国广东省深圳市龙华和平路和平工业区建辉路 82 号旭焕辉富联工业园 2 期 3 栋 3 楼。
Website: http://www.BesTechPower.com
http://www.BatteryBMS.com
E-mail: sales@BesTechPower.com
Page 1 of 2
Data Sheet
Item
Contents
Criteria (Adjustable)
1
Model
LT-0087
3S-5A working current
2
Voltage
Charging voltage
12.6V
3
Current
Maximal continuous charging current
5A
Maximal continuous discharging current
5A
Current consumption
≤35μA
4
Overcharge Protection
Over charge detection voltage
4.25V±0.025V
Over charge detection delay time
0.7~1.95s
Over charge release voltage
4.15V±0.025V
5
Over Discharge Protection
Over discharge detection voltage
2.70V±0.08V
Over discharge detection delay time
42mA±5mA
Over discharge release voltage
3.00V±0.08V
6
Over Current Protection
(1st Protection)
Over current detection current / Voltage
11.5A±3.5A
Detection delay time
50~150ms
Release condition
Cut load / charge to recover
7
Short Circuit Protection
Short circuit detection current
need actual testing by customer
Detection delay time
100~500us
Detection condition
Cut load/charge to recover
8
Balance
Balance voltage for single cell
4.150±0.025V
Balance current for single cell
42mA±5mA
9
Temperature Protection
Charge Over Temp Protection
50℃±4℃/0℃±4℃
Discharge Over Temp Protection
45℃±4℃/5℃±4℃
10
Resistance
Inner resistance
≤20mΩ
11
Temperature
Operating temperature range
0 ~ +65°C
Storage temperature range
0 ~ +85°C
12
Size (L*W*T)
L64.5mm*W17mm*T1.2mm


Similar Part No. - LT-0087

ManufacturerPart #DatasheetDescription
logo
BesTech Power Co., Ltd
LT-0085 BESTECH-LT-0085 Datasheet
195Kb / 2P
For 11.1V 3S Li-ion Battery Packs
LT-0085/JW3312-ALY BESTECH-LT-0085/JW3312-ALY Datasheet
195Kb / 2P
For 11.1V 3S Li-ion Battery Packs
More results

Similar Description - LT-0087

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
logo
BesTech Power Co., Ltd
HCX-D092 BESTECH-HCX-D092 Datasheet
234Kb / 1P
For 18.5V 5S Li-ion/Li-Polymer Battery Packs
logo
Texas Instruments
BQ27750 TI1-BQ27750 Datasheet
1Mb / 34P
Impedance Track Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z561 TI1-BQ27Z561 Datasheet
908Kb / 24P
Impedance Track Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z561-R1 TI1-BQ27Z561-R1 Datasheet
492Kb / 24P
Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
BQ27Z561-R1_1904 TI1-BQ27Z561-R1_1904 Datasheet
1Mb / 26P
Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
BQ27Z561-R2 TI-BQ27Z561-R2 Datasheet
851Kb / 22P
BQ27Z561-R2 Impedance Track??Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
logo
Maxim Integrated Produc...
MAX17823 MAXIM-MAX17823 Datasheet
358Kb / 2P
Ensures Safe Operation of Li-Ion Battery Packs While Reducing System Cost
Rev. 0; January 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com