Electronic Components Datasheet Search
  English  ▼

X  

1750100 Datasheet(PDF) 2 Page - Theben AG

Part # 1750100
Description  Time and light control Digital time switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG

1750100 Datasheet(HTML) 2 Page - Theben AG

  1750100 Datasheet HTML 1Page - Theben AG 1750100 Datasheet HTML 2Page - Theben AG 1750100 Datasheet HTML 3Page - Theben AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SELEKTA 175 top2
Item no.: 1750100
Subject to technical changes and misprints
additional information at: www.theben.de/product/1750100
The load data are determined with exemplary selected illuminants and are therefore typical data due to the large
number of available products.
Technical data
SELEKTA 175 top2
Operating voltage
230 - 240 V AC
Frequency
50 - 60 Hz
Width
1 modules
Installation type
DIN rail
Type of contact
NO contact
Opening width
< 3 mm
Program
Weekly program, Astronomical
program
Program functions
ON-OFF
Number of channels
1
External inputs
1
Number of memory locations
56
Power reserve
10 years
Switching capacity at 250 V AC, cos φ
= 1
16 A
Switching capacity at 250 V AC, cos φ
= 0,6
4 A
Incandescent/halogen lamp load
2000 W
Energy saving lamps
300 W
LED lamp < 2 W
55 W
LED lamp 2-8 W
600 W
LED lamp > 8 W
600 W
SELEKTA 175 top2
Fluorescent lamp load (conventional)
not corrected
2000 VA
Fluorescent lamp load (conventional)
series-corrected
2000 VA
Fluorescent lamp load (conventional)
parallel-corrected
1300 W
Fluorescent lamp load (electronic
ballast)
1200 W
Switching capacity min.
~10 mA
Shortest switching times
1 min
Time accuracy at 25 °C
typical ± 0,25 s/day (quartz)
Time basis
Quartz
Stand-by consumption
~0.4 W
Capacity loss max.
1.2 W
Memory card supplied
−
Type of connection
DuoFix spring terminals
Housing and insulation material
High-temperature resistant, self-
extinguishing thermoplastic
Type of protection
IP 20
Protection class
II according to EN 60 730-1
Voltage
230 V AC
Ambient temperature
-25°C ... 55°C
Connection example
07/04/2025
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com