Electronic Components Datasheet Search
  English  ▼

X  

M48T35AV Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T35AV
Description  3.3V, 256Kbit (32Kbit x 8) TIMEKEEPER짰 SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35AV Datasheet(HTML) 1 Page - STMicroelectronics

  M48T35AV_07 Datasheet HTML 1Page - STMicroelectronics M48T35AV_07 Datasheet HTML 2Page - STMicroelectronics M48T35AV_07 Datasheet HTML 3Page - STMicroelectronics M48T35AV_07 Datasheet HTML 4Page - STMicroelectronics M48T35AV_07 Datasheet HTML 5Page - STMicroelectronics M48T35AV_07 Datasheet HTML 6Page - STMicroelectronics M48T35AV_07 Datasheet HTML 7Page - STMicroelectronics M48T35AV_07 Datasheet HTML 8Page - STMicroelectronics M48T35AV_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
November 2007
Rev 6
1/28
1
M48T35AV
3.3V, 256Kbit (32Kbit x 8) TIMEKEEPER® SRAM
Features
■ Integrated, ultra low power SRAM, real-time
clock, power-fail control circuit and battery
■ BYTEWIDE™ RAM-like clock access
■ BCD coded year, month, day, date, hours,
minutes, and seconds
■ Battery low flag (BOK)
■ Frequency test output for real-time clock
■ Automatic power-fail chip deselect and write
protection
■ Write protect voltages
(VPFD = Power-fail deselect voltage):
–M48T35AY: VCC = 4.5 to 5.5V
4.2V
≤ VPFD ≤ 4.5V
–M48T35AV: VCC = 3.0 to 3.6V
2.7V
≤ VPFD ≤ 3.0V
■ Self-contained battery and crystal in the
CAPHAT™ DIP package
■ SOIC package provides direct connection for a
SNAPHAT® housing containing the battery and
crystal
■ SNAPHAT® housing (battery and crystal) is
replaceable
■ Pin and function compatible with JEDEC
standard 32Kbit x 8 SRAMs
■ RoHS compliant
– Lead-free second level interconnect
28
1
28
1
PCDIP28 (PC)
battery/crystal
CAPHAT
SNAPHAT (SH)
battery/crystal
SOH28 (MH)
www.st.com


Similar Part No. - M48T35AV_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T35AV-10MH1 STMICROELECTRONICS-M48T35AV-10MH1 Datasheet
148Kb / 19P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
29-May-2000
M48T35AV-10MH1TR STMICROELECTRONICS-M48T35AV-10MH1TR Datasheet
148Kb / 19P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
29-May-2000
M48T35AV-10MH6 STMICROELECTRONICS-M48T35AV-10MH6 Datasheet
148Kb / 19P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
29-May-2000
M48T35AV-10MH6TR STMICROELECTRONICS-M48T35AV-10MH6TR Datasheet
148Kb / 19P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
29-May-2000
M48T35AV-10PC1 STMICROELECTRONICS-M48T35AV-10PC1 Datasheet
148Kb / 19P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
29-May-2000
More results

Similar Description - M48T35AV_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z35AV STMICROELECTRONICS-M48Z35AV Datasheet
223Kb / 24P
5.0V or 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER® SRAM
05-Nov-2007
M48T02 STMICROELECTRONICS-M48T02_03 Datasheet
251Kb / 19P
5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER® SRAM
Mar-2003
M48T08 STMICROELECTRONICS-M48T08_07 Datasheet
259Kb / 30P
5V, 64Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
04-Jul-2007
M48Z32V STMICROELECTRONICS-M48Z32V_07 Datasheet
181Kb / 19P
3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
02-Nov-2007
M48Z35 STMICROELECTRONICS-M48Z35_07 Datasheet
218Kb / 23P
256Kbit (32Kbit x 8) ZEROPOWER SRAM
02-Nov-2007
M48T58 STMICROELECTRONICS-M48T58_10 Datasheet
517Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
02-Aug-2010
M48T08 STMICROELECTRONICS-M48T08_10 Datasheet
518Kb / 31P
5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2010 Rev 10
M48T08 STMICROELECTRONICS-M48T08_11 Datasheet
497Kb / 31P
5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 11
M48T58 STMICROELECTRONICS-M48T58_11 Datasheet
495Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 8
M48T58Y STMICROELECTRONICS-M48T58Y_11 Datasheet
495Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com