Electronic Components Datasheet Search
  English  ▼

X  

VBO40-08NO6 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # VBO40-08NO6
Description  Standard Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

VBO40-08NO6 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  VBO40-08NO6 Datasheet HTML 1Page - Inchange Semiconductor Company Limited VBO40-08NO6 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISUM6102
eq VBO40-08NO6
Standard Rectifier Diode
www.iscsemi.com
1
DESCRIPTION
·
Very low leakage current
·
Very low forward voltage drop
·
Isolation Voltage
APPLICATIONS
·
Diode for main rectification
·
For single and three phase bridge
configurations
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Recurrent Peak Reverse Voltage
800
V
IDAV
bridge output current
Tc = 115°C
40
A
IFSM
Max. forward surge current
t = 10 ms; (50 Hz), sine TJ= 45°C
320
A
t = 8,3 ms; (60 Hz), sine VR= 0 V
345
t = 10 ms; (50 Hz), sine TJ= 150°C
270
t = 8,3 ms; (60 Hz), sine VR= 0 V
295
I²t
Value for fusing
t = 10 ms; (50 Hz), sine TJ= 45°C
510
A2s
t = 8,3 ms; (60 Hz), sine VR= 0 V
495
t = 10 ms; (50 Hz), sine TJ= 150°C
365
t = 8,3 ms; (60 Hz), sine VR= 0 V
360
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
VISOL
isolation voltage t = 1 minute
2500
V
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case per Diode
0.45
℃
/W


Similar Part No. - VBO40-08NO6

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBO40-08NO6 IXYS-VBO40-08NO6 Datasheet
161Kb / 5P
Standard Rectifier
VBO40-08NO6 IXYS-VBO40-08NO6 Datasheet
161Kb / 5P
Standard Rectifier
More results

Similar Description - VBO40-08NO6

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDMA380P2200KC ISC-MDMA380P2200KC Datasheet
275Kb / 2P
Standard Rectifier Diode
logo
ZHEJIANG HUAJING RECTIF...
KP20A HUAJING-KP20A Datasheet
1Mb / 6P
Standard Rectifier Diode
KP10A HUAJING-KP10A Datasheet
917Kb / 7P
Standard Rectifier Diode
KP30A HUAJING-KP30A Datasheet
845Kb / 6P
Standard Rectifier Diode
KP50A HUAJING-KP50A Datasheet
747Kb / 5P
Standard Rectifier Diode
logo
Inchange Semiconductor ...
LD411660 ISC-LD411660 Datasheet
281Kb / 2P
Standard Rectifier Diode
logo
ZHEJIANG HUAJING RECTIF...
ZP5A HUAJING-ZP5A Datasheet
503Kb / 3P
Standard Rectifier Diode
ZP30A HUAJING-ZP30A Datasheet
525Kb / 3P
Standard Rectifier Diode
ZP50A HUAJING-ZP50A Datasheet
854Kb / 5P
Standard Rectifier Diode
logo
Inchange Semiconductor ...
LD814045 ISC-LD814045 Datasheet
281Kb / 2P
Standard Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com