Electronic Components Datasheet Search
  English  ▼

X  

R771 Datasheet(PDF) 4 Page - EPCOS

Part # R771
Description  Resonator 314,875 / 315,125 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

R771 Datasheet(HTML) 4 Page - EPCOS

  R771 Datasheet HTML 1Page - EPCOS R771 Datasheet HTML 2Page - EPCOS R771 Datasheet HTML 3Page - EPCOS R771 Datasheet HTML 4Page - EPCOS R771 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Mar 03, 2004
SAW Components
R 771
314,875 / 315,125 MHz
Resonator
Data Sheet
Characteristics Resonator 2
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating Load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency Resonator 21)
1) Center frequency is defined as the maximum of the real part of the admittance.
fc
315,075
315,125
315,175 MHz
Frequency offset Resonator 2 to Resonator 1 foffset
200,0
250,0
300,0
KHz
Minimum insertion attenuation
α
min
—
1,3
1,6
dB
Unloaded quality factor
QU
9600
13200
—
Ageing of
fc
——
± 50
ppm
Equivalent circuit elements
Motional capacitance
C2
—
2,38
—
fF
Motional inductance
L2
—
107,32
—
µH
Motional resistance
R2
—16
22
Ω
Parallel capacitance2)
2) If used in two port configuration (pin 3-input, pin 5-output)
C0 is reduced by approx. 0,3 pF.
C02
—
3,1
—
pF
Temperature coefficient of frequency3)
3) Temperature dependence of
fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
TCf
—
– 0,03
—
ppm/K2
Turnover temperature
T0
0—
30
˚C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com