Electronic Components Datasheet Search
  English  ▼

X  

LSM6DSV320X Datasheet(PDF) 10 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 6Page - STMicroelectronics LSM6DSV320X Datasheet HTML 7Page - STMicroelectronics LSM6DSV320X Datasheet HTML 8Page - STMicroelectronics LSM6DSV320X Datasheet HTML 9Page - STMicroelectronics LSM6DSV320X Datasheet HTML 10Page - STMicroelectronics LSM6DSV320X Datasheet HTML 11Page - STMicroelectronics LSM6DSV320X Datasheet HTML 12Page - STMicroelectronics LSM6DSV320X Datasheet HTML 13Page - STMicroelectronics LSM6DSV320X Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 212 page
background image
3.1
Pin connections
The LSM6DSV320X offers flexibility to connect the pins in order to have three different mode connections and
functionalities. In detail:
•
Mode 1: I²C / MIPI I3C® target interface or SPI (3- and 4-wire) serial interface is available.
•
Mode 2: I²C / MIPI I3C® target interface or SPI (3- and 4-wire) serial interface and I²C controller interface
for external sensor connections are available.
•
Mode 3: I²C / MIPI I3C® target interface or SPI (3- and 4-wire) serial interface is available for the
application processor interface while an auxiliary MIPI I3C® / SPI (3- and 4-wire) serial interface for
external sensor connections is available for the accelerometer and gyroscope.
Figure 6. LSM6DSV320X connection modes
HOST
LSM6DSV320X
HOST
LSM6DSM
LSM6DSM
External
sensors
I2C /
SPI (3/4-w)
I2C /
SPI (3/4-w)
I2C controller
Mode 1
Mode 2
Mode 3
HOST
I2C /
SPI (3/4-w)
Auxiliary SPI (3/4-w)
For accelerometer
and/or gyroscope data
Camera
module
MIPI I3C /
MIPI I3C /
MIPI I3C /
LSM6DSV320X
LSM6DSV320X
®
®
®
Auxiliary MIPI I3C /
®
LSM6DSV320X
Pin description
DS14623 - Rev 1
page 10/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com