Electronic Components Datasheet Search
  English  ▼

X  

3570-1421 Datasheet(PDF) 2 Page - Comus International

Part # 3570-1421
Description  Instrumentation Grade Mini SIP - 2 Form A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

3570-1421 Datasheet(HTML) 2 Page - Comus International

  3570-1421 Datasheet HTML 1Page - Comus International 3570-1421 Datasheet HTML 2Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Contact Resistance (Initial)
MAX 150 mΩ
Operate Time - including bounce (Typical)
0.75 ms (at Nominal Voltage)
Release Time (Typical)
0.5 ms
Insulation Resistance @ 100V, 20°C, 40% RH (MIN)
1012 Ω
Dielectric Strength (MIN)
Across Contacts 200 V DC / peak AC
Contacts to Coil 1500 V DC / peak AC
Capacitance Across Open Contacts (Typical)
1.0 pF
Capacitance Open Contacts to Coil (Typical)
1.4 pF
Vibration
20G
Shock Resistance
50G
Operating Temperature
-40° +85°C
Storage Temperature
-40° +100°C
Life Expectancy of Electrical (Typical)
500 x106ops (1 VDC, 10mA)
SPECIFICATION
Max Switching Power
10 W
Max Switching Voltage
200 VDC
Max Switching Current
0.5 A
Max Carry Current
1.5 A
CONTACT RATING
NOMINAL VOLTAGE
DC±10%[V]
COIL RESISTANCE
±
10% (Ω)
MAX OPERATE
VOLTAGE (VDC)
MIN RELEASE
VOLTAGE (VDC)
MAX COIL
VOLTAGE (VDC)
5
375
3.8
0.4
7
12
750
9.0
1.0
16
COIL DATA-STANDARD TYPE 2 FORM A (at 20˚C)
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Relays
Part Number: 3570 1421 Series
Instrumentation Grade Mini SIP - 2 Form A
Product Data Sheet
Rev: 1 - Date: Oct/27/2020 - Signature: BR
Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Italy: +39 347 6429017 - Netherlands: +31(0)45 54 39 345
©2025 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com