Electronic Components Datasheet Search
  English  ▼

X  

BG17C Datasheet(PDF) 3 Page - BeRex Corporation

Part # BG17C
Description  5-6000 MHz Cascadable InGaP HBT Gain Block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BG17C Datasheet(HTML) 3 Page - BeRex Corporation

  BG17C Datasheet HTML 1Page - BeRex Corporation BG17C Datasheet HTML 2Page - BeRex Corporation BG17C Datasheet HTML 3Page - BeRex Corporation BG17C Datasheet HTML 4Page - BeRex Corporation BG17C Datasheet HTML 5Page - BeRex Corporation BG17C Datasheet HTML 6Page - BeRex Corporation BG17C Datasheet HTML 7Page - BeRex Corporation BG17C Datasheet HTML 8Page - BeRex Corporation BG17C Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
3
3
Rev. 11.3
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
5-6000 MHz Cascadable InGaP HBT Gain Block
BG17C
S-Parameter
(Vdevice = 5.0V, Icc = 55mA, T = 25 °C, calibrated to device leads)
Freq
[MHz]
S11
[Mag]
S11
[Ang]
S21
[Mag]
S21
[Ang]
S12
[Mag]
S12
[Ang]
S22
[Mag]
S22
[Ang]
100
0.18
-61.72
9.39
165.12
0.07
14.00
0.33
-39.57
500
0.01
10.57
8.24
154.56
0.08
1.06
0.17
-40.39
1000
0.05
51.39
7.76
134.93
0.08
-1.88
0.14
-62.54
1500
0.07
24.78
7.29
115.38
0.08
-4.63
0.15
-89.81
2000
0.08
0.55
6.87
96.16
0.08
-7.41
0.18
-112.95
2500
0.09
-8.04
6.35
77.48
0.09
-9.20
0.22
-134.94
3000
0.08
14.14
5.88
60.67
0.09
-12.34
0.25
-157.37
3500
0.10
50.14
5.51
43.30
0.09
-15.00
0.31
179.17
4000
0.12
73.79
5.05
27.13
0.10
-19.42
0.36
161.72
6000
0.18
155.53
3.82
-32.99
0.12
-43.40
0.48
152.34
Typical Device Data
S-parameters (Vc=5V, Ic=55mA, T=25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com