Electronic Components Datasheet Search
  English  ▼

X  

OTB-910-ML Datasheet(PDF) 1 Page - BlockMaster Electronics, Inc.

Part # OTB-910-ML
Description  PCB TERMINAL BLOCK PITCH: 16mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCKMASTER-ELECTRONICS [BlockMaster Electronics, Inc.]
Direct Link  https://www.blockmaster.com/
Logo BLOCKMASTER-ELECTRONICS - BlockMaster Electronics, Inc.

OTB-910-ML Datasheet(HTML) 1 Page - BlockMaster Electronics, Inc.

  OTB-910-ML Datasheet HTML 1Page - BlockMaster Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCB TERMINAL BLOCK PITCH: 16mm
600 VOLTS/115 AMPS
HOW TO ORDER:
PART #:
OTB-910-M
OTB-910-ML
Type:
PCB Terminal Block With
Mounting Ears
Features:
Barrier Construction
UL Recognized
Available 2 – 17 Poles
Optional Cover Available (C)
Mounting Ears
Applications:
Suitable for:
Power Supplies
Back Planes
Motor Controls
Industrial Controls
CNV Machines
Electrical
Rated Voltage:
600V
Rated Current:
115A
Wire Size:
22 – 2 AWG
Operating Temperature:
-25°C to + 90°C
Materials
Housing:
Pholycarbonate (UL94V-0)
Standard Color: Black
Cover:
Pholycarbonate (UL94V-0)
Terminals:
Brass, Tin, Nickel
Screw Size:
M5 Steel, Nickel-Plated
Withstanding Voltage:
AC2500V
Torque:
53.1 lbs. per inch
Insulation Resistance:
AC2500V
BlockMaster Electronics’ new OTB-910 M and ML series is a high-
power PC board, barrier-style terminal block. This block allows you
to terminate up to 115 AMPS per position. It has very heavy-duty
dual PC terminals for superior P.C. board mounting strength.
OTB-910-M Straight PC
OTB-910-ML Right Angle PC
-
P
2-17 Poles
- C
Cover
(Optional)
Poles
1
2
3
4
5
6
7
8
9
10
11
12
Dimension
A
X
61mm
(2.40")
77mm
(3.03")
93mm
(3.66")
109mm
(4.29")
125mm
(4.92")
141mm
(5.55")
157mm
(6.81")
173mm
(6.81")
189mm
(7.44")
205mm
(8.07")
221mm
(8.70")
Dimension
B
X
48mm
(1.88")
64mm
(2.51")
80mm
(3.64")
96mm
(3.77")
112mm
(4.40")
128mm
(5.03")
144mm
(5.66")
160mm
(6.29")
176mm
(6.92")
192mm
(7.55")
208mm
(8.18")
Dimension
C
X
16mm
(.629")
32mm
(1.25")
48mm
(1.88")
64mm
(2.51")
80mm
(3.14")
96mm
(3.77")
112mm
(4.40")
128mm
(5.03")
144mm
(5.66")
160mm
(6.29")
176mm
(6.92")


Similar Part No. - OTB-910-ML

ManufacturerPart #DatasheetDescription
logo
BlockMaster Electronics...
OTB-910-B BLOCKMASTER-ELECTRONICS-OTB-910-B Datasheet
329Kb / 1P
PCB TERMINAL BLOCK
OTB-910-BL BLOCKMASTER-ELECTRONICS-OTB-910-BL Datasheet
329Kb / 1P
PCB TERMINAL BLOCK
More results

Similar Description - OTB-910-ML

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EB15-XX-C-180 ADAM-TECH-EB15-XX-C-180 Datasheet
72Kb / 1P
TERMINAL BLOCK PCB
EB50-A-XX-B-BK ADAM-TECH-EB50-A-XX-B-BK Datasheet
73Kb / 1P
TERMINAL BLOCK PCB
EB105-XX-H ADAM-TECH-EB105-XX-H Datasheet
72Kb / 1P
TERMINAL BLOCK PCB
EB106-XX-D-BK ADAM-TECH-EB106-XX-D-BK Datasheet
72Kb / 1P
TERMINAL BLOCK PCB
EBI-XX-G ADAM-TECH-EBI-XX-G Datasheet
74Kb / 1P
TERMINAL BLOCK PCB
EBI-XX-RA-G ADAM-TECH-EBI-XX-RA-G Datasheet
69Kb / 1P
TERMINAL BLOCK PCB
EBW-XX-B ADAM-TECH-EBW-XX-B Datasheet
112Kb / 1P
TERMINAL BLOCK PCB VERTICAL
logo
PHOENIX CONTACT
1701023 PHOENIX-1701023 Datasheet
94Kb / 6P
PCB terminal block - KDS
1704020 PHOENIX-1704020 Datasheet
96Kb / 6P
PCB terminal block - KDS10
1706028 PHOENIX-1706028 Datasheet
133Kb / 6P
PCB terminal block - GKDS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com