Electronic Components Datasheet Search
  English  ▼

X  

LFFB003 Datasheet(PDF) 1 Page - Littelfuse

Part # LFFB003
Description  LFFB SERIES LIMITER BLOCK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFFB003 Datasheet(HTML) 1 Page - Littelfuse

  LFFB003 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWR-GARD® Blocks and Holders Datasheet
littelfuse.com
© 2022 Littelfuse POWR-GARD® Products
Rev: 052322
1 of 1
Description
The LFFB series fuse block is designed to accept bolt-down
style limiter fuses. Applications include but are not limited to
forklifts, golf carts and other low-voltage battery equipment.
It is specifically designed for the HAZGARD™ fuse but can
be used for CNN and CNL series fuses as well.
Dimensions mm (inches)
86.61 (3.410)
62.0 (2.44)
25.4 (1.0)
11.94 (0.470)
23.88 (0.940)
2x 49.14 (1.935)
2x 16.19 (0.637)
12.19 (0.480)
12.6 C’BORE X 82, (2) HOLES
2x 5.84 (0.230)
2x 13.0 (0.512)
LFFB SERIES LIMITER BLOCK
150 V • 800 A
Specifications
Voltage Rating
150 Vac/dc
Ampere Rating
800 A Max
Approvals
UL Recognized (File: E14721)
Construction
Base – Thermoplastic
Studs – Steel Zinc Plated
Nuts – M8 Hex, 1.25 Thread Pitch
Torque
Base: 25 in-lb
Fuse: 90 in-lb
Mounting Screw
#10 Flat Head
Operating Temp
-55 °C to +125 °C
Environmental
RoHS Compliant
Flammability Rating UL94 V-0, 5VA
Ordering Information
CATALOG NUMBER
ORDERING NUMBER
LFFB003
LFFB0003Z
Web Resources
Additional technical information: littelfuse.com/lffb
Recommended Fuses
CNN_E, CNN and CNL Series cable limiter fuses
HAZGARD (581 series) fuse
Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse
products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer.
M8 X 1.25


Similar Part No. - LFFB003

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFFB003 LITTELFUSE-LFFB003 Datasheet
276Kb / 1P
LFFB SERIES LIMITER BLOCK
Rev: 012919
More results

Similar Description - LFFB003

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CLM06149 DAICO-CLM06149 Datasheet
22Kb / 1P
Limiter
logo
Mini-Circuits
CLM-83-2W MINI-CLM-83-2W Datasheet
207Kb / 4P
Limiter
RLM-33 MINI-RLM-33 Datasheet
357Kb / 3P
Limiter
RLM-33-2W MINI-RLM-33-2W Datasheet
331Kb / 2P
Limiter
RLM-33H MINI-RLM-33H Datasheet
346Kb / 3P
Limiter
RLM-512-4WL MINI-RLM-512-4WL Datasheet
348Kb / 3P
Limiter
RLM-521-2WL MINI-RLM-521-2WL Datasheet
335Kb / 2P
Limiter
ZFLM-252-1WL MINI-ZFLM-252-1WL Datasheet
210Kb / 1P
Limiter
VLM-83-2W-S MINI-VLM-83-2W-S Datasheet
382Kb / 2P
Limiter
logo
Littelfuse
LFFB0003Z LITTELFUSE-LFFB0003Z Datasheet
276Kb / 1P
LFFB SERIES LIMITER BLOCK
Rev: 012919
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com