Electronic Components Datasheet Search
  English  ▼

X  

DS220PLUS Datasheet(PDF) 5 Page - Synology Inc.

Part # DS220PLUS
Description  Compact and High Performance NAS Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS220PLUS Datasheet(HTML) 5 Page - Synology Inc.

  DS220PLUS Datasheet HTML 1Page - Synology Inc. DS220PLUS Datasheet HTML 2Page - Synology Inc. DS220PLUS Datasheet HTML 3Page - Synology Inc. DS220PLUS Datasheet HTML 4Page - Synology Inc. DS220PLUS Datasheet HTML 5Page - Synology Inc. DS220PLUS Datasheet HTML 6Page - Synology Inc. DS220PLUS Datasheet HTML 7Page - Synology Inc. DS220PLUS Datasheet HTML 8Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DATASHEET | DiskStation DS220+
1
Status indicator
2
LAN indicator
3
Disk indicator
4
USB 3.0 port
5
Copy button
6
Power button and indicator
7
System fan
8
1GbE RJ-45 port
9
Reset button
10 Power port
11 Kensington Security Slot
Front
Rear
Technical Specifications
Hardware
CPU
Intel Celeron J4025 2-core 2.0 GHz, burst up to 2.9 GHz
Hardware encryption engine
Yes (AES-NI)
Memory
2 GB DDR4 onboard (expandable up to 6 GB)3
Compatible drive type
2 x 3.5" or 2.5" SATA HDD/SSD (drives not included)
Hot swappable drive
Yes
External port
2 x USB 3.0 port
Size (HxWxD)
165 x 108 x 232.2 mm
Weight
1.3 kg
LAN
2 x Gigabit (RJ-45)
Wake on LAN/WAN
Yes
Scheduled power on/off
Yes
System fan
92 x 92 x 25 mm
AC input power voltage
100 V to 240 V AC
Power frequency
50/60 Hz, single phase
Operating temperature
0°C to 40°C (32°F to 104°F)
Storage temperature
-20°C to 60°C (-5°F to 140°F)
Relative humidity
5% to 95% RH
Maximum operating altitude
5,000 m (16,400 ft)
Hardware Overview
1
2
3
5
6
4
11
7
8
9
10
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com