Electronic Components Datasheet Search
  English  ▼

X  

140E Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 140E
Description  Ethernet to 4 Reed Relay Outputs Digital Interface Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

140E Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  140E Datasheet HTML 1Page - Sealevel Systems, Inc. 140E Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
Ethernet to 4 Reed Relay Outputs Digital Interface Adapter
Part: 140E | Model: eI/O REL-4
Features
• 10/100BaseT Ethernet Modbus TCP interface
• 4 SPST Form A Reed relays are well suited to low current devices
• Field wiring is simplified via removable 3.5mm terminal blocks
compatible with 16-30 AWG wire
• Ready for DIN rail mounting, removable plastic clip snaps onto
35mm DIN rail or can be attached to walls and other surfaces
with optional screws
• Optional removable spring-clamp terminal blocks available for
I/O connections
• Input power via removable spring-clamp terminal block
• Status LEDs display power, Ethernet link and I/O activity
• Sealevel SeaMAX software supports Microsoft Windows
operating systems
• Housed in rugged, attractive plastic enclosure
• Includes 7′ CAT5 Ethernet cable (Item# CA246)
Specifications
Family
eI/O
Contact Bounce
Time
0.5ms max.
Contact Current
500mA max.
Contact Operate
Time
0.5ms max.
Contact Release
Time
0.2ms max.
Contact Voltage
60VDC max.
Digital I/O
Reed Relay Outputs
Dimensions
4.5 (L) x 3.5 (W) x 1.3 (H)
Field Wiring
16 – 30 AWG
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Host Interface(s)
Ethernet
Operating
Temperature
0°C to 70°C (32°F to 158°F)
Output Type
SPST Form A Reed relays
# of Ports
4
Power Requirement
9-30 VDC @ 1.5W
RoHS Compliant
Yes
Storage
Temperature
-50°C to 105°C (-58°F to 221°F)
sealevel.com
+1 864.843.4343
SL9374-E22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com