Electronic Components Datasheet Search
  English  ▼

X  

IS-SL Datasheet(PDF) 1 Page - Novaris

Part # IS-SL
Description  IS-SL - Intrinsically Safe Protectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVARIS [Novaris]
Direct Link  http://www.novaris.com.au/
Logo NOVARIS - Novaris

IS-SL Datasheet(HTML) 1 Page - Novaris

  IS-SL Datasheet HTML 1Page - Novaris IS-SL Datasheet HTML 2Page - Novaris  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions
Ordering Information
Diagram / Installation
T echnical Infor mation Sheet
www.novaris.com.au
72 Browns Road, Kingston Tasmania 7050 Australia
Phone +61 3 6229 7233 Fax +61 3 6229 9245 E-mail sales@novaris.com.au
IS-SL - Intrinsically Safe Protectors
IS-SL (0004-D7V2)
IS-SL7v5, IS-SL18, IS-SL36
IS-SL-DH, IS-SL485, IS-SL-RTD,
IS-SL-PSTN, IS-SL420i
SL
module
L1
L2
SCN
SCN
E2
E1
SL
module
L1
L2
SCN
SCN
E2
E1
-G base
-EC90 base
68 mm
7 mm
A
Model
Signal Type
Base - direct earthing
Base - indirect earthing
IS-SL7v5
0 - 6 V analog
6 V digital
-G
-EC90
IS-SL18
0 - 12 V analog
12 V digital
-G
-EC90
IS-SL36
0 - 20 mA
4 - 20 mA
24 V digital
-G
-EC90
IS-SL-PSTN
Public Switched Telephone Network
-G
-EC90
IS-SL-iSwitch
Public Switched Telephone Network
-G
-EC90
IS-SL485
RS 485
RS422
–
-EC90
IS-SL-DH
RS232
Data Highway
HART
-G
-EC90
IS-SL-RTD
RTD Applications
Thermocouple
-G
-EC90
IS-SL420i 1)
0 - 20 mA
4 - 20 mA
-G
-EC90
Intrinsically Safe Signal Line Protectors
Novaris slimline surge protection devices (SPDs) provide surge protection for
most twisted pair signaling schemes. Certified to be intrinsically safe Novaris
IS SPDs can be installed in the hazardous zone or the field side of the IS
barrier. This not only provides protection for the PLC or RTU I/O, it also provides
protection for the IS barrier.
IEC Ex and ATEX certified
Novaris ‘IS-’ products are certified intrinsically safe according to IEC Ex and
ATEX; the group IIC T4 certification makes it acceptable for use with all gas/
air mixtures.
Two different earthing options
With two different base options the SL protectors offer either direct earthing via
DIN rail, for the most effective, low impedance earth connection (-G base) or a
connection via GDT to the DIN rail, offering isolation under normal conditions
and equipotential bonding during a surge (-EC90 base).
Slimline pluggable modules
The plug-in design provides simple and rapid replacement and testing - no
rewiring needed. This also provides a convinient method of field equipment
isolation if required.
1)
LED indicates status of instrument loop


Similar Part No. - IS-SL

ManufacturerPart #DatasheetDescription
logo
Novaris
IS-SLT NOVARIS-IS-SLT Datasheet
450Kb / 2P
IS-SLT - Intrinsically Safe Protectors
IS-SLT4-RTD NOVARIS-IS-SLT4-RTD Datasheet
450Kb / 2P
IS-SLT - Intrinsically Safe Protectors
IS-SLTX-18 NOVARIS-IS-SLTX-18 Datasheet
450Kb / 2P
IS-SLT - Intrinsically Safe Protectors
IS-SLTX-36 NOVARIS-IS-SLTX-36 Datasheet
450Kb / 2P
IS-SLT - Intrinsically Safe Protectors
IS-SLTX-7V5 NOVARIS-IS-SLTX-7V5 Datasheet
450Kb / 2P
IS-SLT - Intrinsically Safe Protectors
More results

Similar Description - IS-SL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMI30 ETC2-SMI30 Datasheet
3Mb / 6P
Intrinsically Safe Sensors
logo
Cynergy3 Co
IPSAT CYNERGY3-IPSAT Datasheet
939Kb / 2P
Intrinsically Safe Pressure Transducer
logo
Pepperl+Fuchs Inc.
EI-0D2-10Y-10B PF-EI-0D2-10Y-10B Datasheet
1Mb / 5P
Intrinsically safe Ethernet Isolator
EX-MP4A PF-EX-MP4A Datasheet
161Kb / 2P
Intrinsically safe infrared thermometer
IDENT-EX01NE_DZ1 PF-IDENT-EX01NE_DZ1 Datasheet
741Kb / 2P
Intrinsically safe Bluetooth짰 handheld
IDENT-EX01NF_DZ1 PF-IDENT-EX01NF_DZ1 Datasheet
741Kb / 2P
Intrinsically safe Bluetooth짰 handheld
IDENT-EX01NHCSL_DZ1 PF-IDENT-EX01NHCSL_DZ1 Datasheet
742Kb / 2P
Intrinsically safe Bluetooth짰 handheld
IDENT-EX01NH_DZ1 PF-IDENT-EX01NH_DZ1 Datasheet
742Kb / 2P
Intrinsically safe Bluetooth짰 handheld
IDENT-EX01NU_DZ1 PF-IDENT-EX01NU_DZ1 Datasheet
741Kb / 2P
Intrinsically safe Bluetooth짰 handheld
IDENT-EX01ZF_DZ1 PF-IDENT-EX01ZF_DZ1 Datasheet
742Kb / 2P
Intrinsically safe Bluetooth짰 handheld
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com