Electronic Components Datasheet Search
  English  ▼

X  

APL1085 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL1085
Description  3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1085 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL1085 Datasheet HTML 1Page - Anpec Electronics Coropration APL1085 Datasheet HTML 2Page - Anpec Electronics Coropration APL1085 Datasheet HTML 3Page - Anpec Electronics Coropration APL1085 Datasheet HTML 4Page - Anpec Electronics Coropration APL1085 Datasheet HTML 5Page - Anpec Electronics Coropration APL1085 Datasheet HTML 6Page - Anpec Electronics Coropration APL1085 Datasheet HTML 7Page - Anpec Electronics Coropration APL1085 Datasheet HTML 8Page - Anpec Electronics Coropration APL1085 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.5 - Jun, 2003
APL1085
www.anpec.com.tw
2
Ordering Information
P a c k age C ode
F : T O - 220
G : T O - 263
U : T O - 2 5 2
T e m p . R ange
C : 0 to 7 0 C
H a ndling C ode
T U : T ube
T R : T ape & R e el
V o lt age C ode :
33 : 3. 3V
B lank : A d ju s t able V e r s io n
Lead F r ee C o de
L : Lea d F r ee D e v ic e
B lank : O r ig inal D e v ic e
°
A P L1 08 5 -
H a ndling C ode
T e m p . R ange
P a c k age C ode
V o lt age C ode
A P L1085 :
A P L1085
XX XXX
- D a te C o d e
XX XXX
A P L1085 - 33 :
A P L1085
XX XXX
- D a te C o d e
XX XXX
33
Lead F r ee C o de
Symbol
Parameter
Rating
Unit
V
I
Input Voltage
7
V
T
J
Operating Junction Temperature Range
Control Section
Power Transistor
0 to 125
0 to 150
°C
T
STG
Storage Temperature Range
-65 to +150
°C
T
L
Lead Temperature (Soldering, 10 second)
260
°C
Absolute Maximum Ratings
Electrical Characteristics
APL1085
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
REF
Reference Voltage 1.5V≤(V
IN -VOUT)
≤5.75V,
10mA
≤ IOUT ≤3A, TJ =0~125°C
1.225(-2%) 1.250 1.275(+2%)
V
V
OUT
Output Voltage
APL1085-3.3
10mA
≤ IOUT ≤ 3A, 4.75V≤VIN ≤7V,
T
J =0~125
°C
3.235(-2%) 3.300 3.365(+2%)
V
REG
LINE Line Regulation
APL1085
APL1085-3.3
T
J =0~125
°C, (Notes 1)
2.75V
≤VIN ≤7V, IOUT=10mA,
4.75V
≤VIN ≤7V, IOUT=0mA ,
0.03
0.2
%
REG
LOAD Load Regulation
APL1085
APL1085-3.3
T
J=25
°C, (Notes 1)
(V
IN -VOUT)=3V, 10mA
≤ IOUT ≤ 3A
V
I N=5V, 0mA
≤ IOUT ≤ 3A
0.05
0.05
0.3
0.5
%
V
D
Dropout Voltage
∆VREF=1% ,IOUT=3A ,TJ =0~125°C
1.3
1.4
V
(V
IN -VOUT)=1.7V,
T
J
=25°C
T
J
=125°C
4.5
3.5
6.0
5.0
I
LIMIT
Current Limit
(V
IN -VOUT)=3V,
T
J
=25°C
T
J
=125°C
5.0
4.0
6.5
5.5
A
I
ADJ
Adjust Pin Current (V
IN -VOUT)=3V, IOUT=10mA,
T
J
=0∼125°C
60
120
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com