Electronic Components Datasheet Search
  English  ▼

X  

AS1154 Datasheet(PDF) 1 Page - ams AG

Part # AS1154
Description  Single/Dual LVDS Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1154 Datasheet(HTML) 1 Page - ams AG

  AS1154 Datasheet HTML 1Page - ams AG AS1154 Datasheet HTML 2Page - ams AG AS1154 Datasheet HTML 3Page - ams AG AS1154 Datasheet HTML 4Page - ams AG AS1154 Datasheet HTML 5Page - ams AG AS1154 Datasheet HTML 6Page - ams AG AS1154 Datasheet HTML 7Page - ams AG AS1154 Datasheet HTML 8Page - ams AG AS1154 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AS1156/AS1154
Single/Dual LV DS Driver
austriamicrosystems
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.00
1 - 15
1 General Description
The AS1156/AS1154 is a Single/Dual Flow-Through
LVDS (Low-Voltage Differential Signaling) Line Driver
which accepts and converts LVTTL/LVCMOS input lev-
els into LVDS output signals. The device is perfect for
low-power low-noise applications requiring high signal-
ing rates and reduced EMI emissions.
The device is guaranteed to transmit data at speeds up
to 800Mbps (400MHz) over controlled impedance media
of approximately 100
Ω. Supported transmission media
are PCB traces, backplanes, and cables.
The AS1156 is a single LVDS transmitter, and the
AS1154 is a dual LVDS transmitter.
Outputs conform to the ANSI TIA/EIA-644 LVDS stan-
dards. Flow-through pinout simplifies PC board layout
and reduces crosstalk by separating the LVTTL/LVC-
MOS inputs and LVDS outputs.
The AS1156/AS1154 operates from a single +3.3V sup-
ply and is specified for operation from -40 to +85°C.
Figure 1. Block Diagram
2 Key Features
!
Flow-Through Pinout
!
Guaranteed 800Mbps Data Rate
!
250ps Pulse Skew (Max)
!
Conforms to ANSI TIA/EIA-644 LVDS Standards
!
Single +3.3V Supply
!
Operating Temperature Range: -40 to +85°C
!
8-Pin SOIC Package
3 Applications
Digital Copiers, Laser Printers, Cellular Phone Base Sta-
tions, Add/Drop Muxes, Digital Cross-Connects,
DSLAMs, Network Switches/Routers, Backplane Inter-
connect, Clock Distribution Computers, Intelligent Instru-
ments, Controllers, Critical Microprocessors and
Microcontrollers, Power Monitoring, and Portable/Bat-
tery-Powered Equipment.
AS1156
VCC
IN1
N/C
GND
OUT1-
OUT1+
N/C
N/C
AS1154
VCC
IN1
IN2
GND
OUT1-
OUT1+
OUT2+
OUT2-
Tx
Tx
Tx


Similar Part No. - AS1154

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1154 AMSCO-AS1154 Datasheet
305Kb / 15P
Single/Dual LVDS Driver
AS1154 AMSCO-AS1154 Datasheet
353Kb / 16P
Dual LVDS Driver
AS1154-BSOT AMSCO-AS1154-BSOT Datasheet
305Kb / 15P
Single/Dual LVDS Driver
AS1154-BSOT AMSCO-AS1154-BSOT Datasheet
353Kb / 16P
Dual LVDS Driver
AS1154-BSOU AMSCO-AS1154-BSOU Datasheet
305Kb / 15P
Single/Dual LVDS Driver
More results

Similar Description - AS1154

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV017 NSC-DS90LV017 Datasheet
480Kb / 4P
LVDS Single High Speed Differential Driver
logo
Maxim Integrated Produc...
MAX9164 MAXIM-MAX9164 Datasheet
236Kb / 10P
3.3V Single LVDS Driver/Receiver
19-2738; Rev 0; 1/03
logo
National Semiconductor ...
DS90LV027AH NSC-DS90LV027AH Datasheet
636Kb / 8P
High Temperature LVDS Dual Differential Driver
DS90LV017A NSC-DS90LV017A_05 Datasheet
633Kb / 8P
LVDS Single High Speed Differential Driver
DS90LV027AQ NSC-DS90LV027AQ Datasheet
275Kb / 8P
Automotive LVDS Dual Differential Driver
logo
ams AG
AS1153 AMSCO-AS1153 Datasheet
291Kb / 15P
Single/Dual LVDS Receivers
AS1154 AMSCO-AS1154_1 Datasheet
305Kb / 15P
Single/Dual LVDS Driver
AS1154_V2 AMSCO-AS1154_V2 Datasheet
353Kb / 16P
Dual LVDS Driver
logo
Texas Instruments
DS90LV027AH TI1-DS90LV027AH_13 Datasheet
943Kb / 14P
High Temperature LVDS Dual Differential Driver
DS90LV027AQ TI1-DS90LV027AQ_14 Datasheet
940Kb / 14P
Automotive LVDS Dual Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com