Electronic Components Datasheet Search
  English  ▼

X  

CEM501 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # CEM501
Description  COM Express Type 6 Application Board with MXM Slot
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CEM501 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  CEM501 Datasheet HTML 1Page - Axiomtek Co., Ltd. CEM501 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
64
2
3
4
1
Block Digram
1 SATA connector
SMBus connector
I2C connector
I2C
COM
Express
Type 6
connector
ROW C-D
COM1
SP339
80
port
8-bit
DIO
VGA
LVDS
Carrier
Board BIOS
Line-in/MIC/
Line-out
NCT
5104D
COM2
SP339
COM3
SP339
1 x LAN
1 x SATA 3.0
SMBus
2 x USB 2.0
2 x USB 3.0
ASM
1442K
DP
DDI1
PCIe x16
DDI2
2 x 5 wafer
Mini PCIe
2 x USB 2.0
1 x USB 2.0 & PCIe
COM4
ADM213
4-bit GPI/4-bit GPO
LVDS 18/24-bits
single/dual channel
RGB
SPI
1 x USB 2.0
SATA 3.0
PCIe
ALC 662
HDA
Switch
2 USB 3.0
port
i210-AT
1 LAN
1 x LAN
PCIe
2 x USB 2.0
2 USB 2.0
port
Mini PCIe
MXM
Type A
slot
COM
Express
Type 6
connector
ROW A-B
1 LAN
DP
DP
DP
DP
HDMI
www.axiomtek.com
© 2018 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Updated Jul. 29, 2019.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com