Electronic Components Datasheet Search
  English  ▼

X  

CEM511 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # CEM511
Description  COM Express Type 6 Application Board with MXM Slot
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CEM511 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  CEM511 Datasheet HTML 1Page - Axiomtek Co., Ltd. CEM511 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
63
CEB94022
SATA
1 x SATA-600
Hardware Monitoring
Yes
Ethernet
1 x 10/100/1000 Mbps Ethernet with Intel® i210-IT
1 x 10/100/1000 Mbps signals routed from CPU module
Audio
HD audio with Line-in/Line-out/Mic-in
USB
4 x USB 2.0
2 x USB 3.0
Serial
1 x RS-232
3 x RS-232/422/485
TPM
On the module (depends on COM express module)
SMBus
Yes
Others
1 x I
2C
GPIO
4-CH in & 4-CH out
Display
1 x LVDS; 18/24-bit single channel
1 x VGA
1 x HDMI (from COM express module)
1 x DisplayPort (from COM express module)
4 x DisplayPort (from MXM)
CPU
On the module
System Memory
On the module
Chipset
SoC integrated
BIOS
On the module
MXM
MXM Type A slot
Watchdog Timer
On the module
Expansion Interface
2 x PCI Express Mini Card slot (full-size)
Battery Lithium
Lithium 3V/220 mAH
Power Input
19 to 24 VDC input
Dimensions
245 x 190 mm
Board Thickness
1.6 mm
Operating Temperature
-20ºC to +50ºC (-4ºF to +122ºF)
Humidity
10% - 95% relative humidity, non-condensing
Standard
CEB94022DP
(P/N: E394022100)
COM Express Type 6 application board with MXM, 2 GbE
LANs, LVDS, VGA and DisplayPort
Compliant Modules
CEM500 Series
COM Express Type 6 Basic module with 6th gen Intel®
Xeon® and Core™ i7/i5/i3 processors (Skylake-H)
CEM510 Series
COM Express Type 6 Basic module with Intel® Xeon® E3 or
7th gen Intel® Core™ i7/i5/i3 processor (Kaby Lake-H)
CEM501 Series
COM Express Type 6 Compact module with 6th gen Intel®
Core™ i7/i5/i3 or Celeron® processor (Skylake-U)
CEM511 Series
COM Express Type 6 Compact module with 7th gen Intel®
Core™ i7/i5/i3 or Celeron® 3965U processor (Kaby Lake-U)
I/O
Packing List
Core System
Quick installation guide; user’s manual/utility CD
Ordering Information
PCIe Mini
PCIe Mini
PCIe Mini
USB 3.0
USB
USB
Ext. Temp
Full Solid
Cap Design
COM Express Type 6 Application Board with MXM Slot
Features
● MXM type A supported
● SATA-600
● LVDS, VGA, HDMI, and DisplayPort
● 4 USB 2.0 and 2 USB 3.0
● 2 PCI Express Mini Card slots
● 3 RS-232/422/485 and 1 RS-232
NEW
Front view
COM Express slot
SATA
LVDS
VGA
COM
PCI Express Mini Card
with mSATA
PCI Express Mini Card
MXM slot
4 x DisplayPort
2 x LAN, 2 x USB 3.0,
2 x USB 2.0
DisplayPort & HDMI
DC input
Side view
www.axiomtek.com
© 2018 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Updated Jul. 29, 2019.


Similar Part No. - CEM511

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM511 AXIOMTEK-CEM511 Datasheet
255Kb / 1P
COM Express Type 6 Module with 7th Gen Intel Core i7/i5/i3 Processor
CEM511 AXIOMTEK-CEM511 Datasheet
406Kb / 1P
COM Express Type 6 Application Board with LVDS, VGA, DDI, Dual LANs and Audio
CEM511 AXIOMTEK-CEM511 Datasheet
424Kb / 1P
COM Express Type 6 Compact Module with 7th Gen Intel® Core™ & Celeron® Processor
Jun. 02, 2020.
CEM511PG-CEL-3965U AXIOMTEK-CEM511PG-CEL-3965U Datasheet
424Kb / 1P
COM Express Type 6 Compact Module with 7th Gen Intel® Core™ & Celeron® Processor
Jun. 02, 2020.
CEM511PG-I3-7100U AXIOMTEK-CEM511PG-I3-7100U Datasheet
424Kb / 1P
COM Express Type 6 Compact Module with 7th Gen Intel® Core™ & Celeron® Processor
Jun. 02, 2020.
More results

Similar Description - CEM511

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-AB5500 ADVANTECH-SOM-AB5500 Datasheet
1Mb / 2P
COM-Express Mini Application Board
SOM-AB5710 ADVANTECH-SOM-AB5710_12 Datasheet
1Mb / 2P
COM-Express Application Board
SOM-AB5500 ADVANTECH-SOM-AB5500_13 Datasheet
250Kb / 2P
COM-Express Mini Application Board
logo
AAEON Technology
COM-CV AAEON-COM-CV Datasheet
222Kb / 2P
COM Express Type 6 CPU Module
COM-QM77 AAEON-COM-QM77 Datasheet
276Kb / 2P
COM Express Type 6 CPU Module
logo
Advantech Co., Ltd.
SOM-AB5510 ADVANTECH-SOM-AB5510_15 Datasheet
970Kb / 2P
COM Express 3.5" Application Board
logo
Axiomtek Co., Ltd.
CEM501 AXIOMTEK-CEM501 Datasheet
248Kb / 1P
Processor COM Express Type 6 Module
logo
Advantech Co., Ltd.
SOM-AB5510 ADVANTECH-SOM-AB5510 Datasheet
970Kb / 2P
COM Express 3.5' Application Board
logo
AAEON Technology
ECB-920A-A11 AAEON-ECB-920A-A11 Datasheet
699Kb / 2P
COM Express Evaluation Carrier Board (Type 6/Type 10)
2023/03/28
logo
BCM Advanced Research.
EEV-EX16 BCM-EEV-EX16 Datasheet
386Kb / 1P
Micro ATX Type 6 COM Express Carrier Board
2021/05/09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com