Electronic Components Datasheet Search
  English  ▼

X  

TBC Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # TBC
Description  COM Express Type 6 Compact Module with Intel® Pentium®/Celeron® or Atom® x6000 Series Processors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

TBC Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  TBC Datasheet HTML 1Page - Axiomtek Co., Ltd. TBC Datasheet HTML 2Page - Axiomtek Co., Ltd. TBC Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
* All specifications and photos are subject to change without notice.
System on Modules
1
I/O
SATA
2 x SATA Gen3
Hardware Monitoring
Yes
Ethernet
1 x 10/100/1000/2500 Mbps Ethernet with Intel® I226 with support for Wake-on-LAN and PXE Boot ROM
Audio
HD link interface to baseboard for Codec
USB
2 x USB 3.2 Gen1
8 x USB 2.0
Serial
1 x LPC
1 x SPI
2 x TX/RX
TPM
TPM 2.0
SMBus
Yes
Others
1 x I
2C
GPIO
4-CH in & 4-CH out
Smart Battery
Yes
Mechanical and Environmental
Dimensions
95 x 95 mm
Board Thickness
2.0 mm
Operating Temperature Industrial:-40°C to +85°C (-40°F to +185°F) with system thermal solution
Standard: 0°C to +60°C (32°F to 140°F), operation
Humidity
10% to 95% relative humidity, non-condensing
Vibration Endurance
3.5 Grms
Ordering Information
Standard
CEM322-x6413E
(P/N: TBD)
COM Express Type 6 Compact module with Intel Atom® x6413E, DDI, LVDS, 3.2 Gen1, and GbE LAN
CEM322-J6426
(P/N: TBC)
COM Express Type 6 Compact module with Intel Atom® J6426, DDI, LVDS, 3.2 Gen1, and GbE LAN
CEM322-x6425RE
(P/N: TBC)
COM Express Type 6 Compact module with Intel Atom® x6425RE, DDI, LVDS, 3.2 Gen1, GbE LAN, and wide temperature support
CEM322-x6414RE
(P/N: TBC)
COM Express Type 6 Compact module with Intel Atom® x6414RE, DDI, LVDS, 3.2 Gen1, GbE LAN, and wide temperature support
Optional
CEB94011
(P/N: E394011100)
COM Express Type 6 evaluation board
TBC
CEM322 heat sink with fan
TBC
CEM322 heat spreader
Packing List
Quick installation guide



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com