Electronic Components Datasheet Search
  English  ▼

X  

CEM710 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # CEM710
Description  COM Express Type 7 Basic Module with Intel® Xeon® D-1700 Series Processor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CEM710 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  CEM710 Datasheet HTML 1Page - Axiomtek Co., Ltd. CEM710 Datasheet HTML 2Page - Axiomtek Co., Ltd. CEM710 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
* All specifications and photos are subject to change without notice.
System on Modules
1
Ordering Information
Standard
CEM710-D1712TR
(P/N: TBD)
COM Express Type 7 basic module with Intel® Xeon® D-1712TR, 10GBASE-KR, USB 3.0, and TPM
CEM710-D1715TER
(P/N: TBD)
COM Express Type 7 basic module with Intel® Xeon® D-1715TER, 10GBASE-KR, USB 3.0, and TPM
CEM710-D1732TE
(P/N: TBD)
COM Express Type 7 basic module with Intel® Xeon® D-1732TE, 10GBASE-KR, USB 3.0, and TPM
CEM710-D1735TR
(P/N: TBD)
COM Express Type 7 basic module with Intel® Xeon® D-1735TR, 10GBASE-KR, USB 3.0, and TPM
CEM710-D1746TER
(P/N: TBD)
COM Express Type 7 basic module with Intel® Xeon® D-1746TER, 10GBASE-KR, USB 3.0, and TPM
Optional
CEB94701
(P/N: E394701100)
COM Express Type 7 development board
TBD
CEM710 heat pipe cooler
TBD
CEM710 heat spreader
Packing List
Quick installation guide
I/O
SATA
2 x SATA Gen3
Hardware Monitoring
Yes
Ethernet
1 x 10/100/1000/2500 Mbps with Intel® I226, configured through COMe PCIe port 7
4 x 10GBASE-KR with Intel® 10G external PHY
Audio
N/A
USB
4 x USB 3.0
4 x USB 2.0
Serial
2 x TX/RX
TPM
TPM 2.0
SMBus
Yes
Others
1 x I
2C
1 x LPC
1 x SPI
GPIO
4-CH in & 4-CH out
Smart Battery
N/A
Mechanical and Environmental
Dimensions
125 x 95 mm
Board Thickness
2.0 mm
Operating Temperature Standard: 0°C to 60°C (32°F to 140°F)
Extended: -40°C to 85°C (-40°F to 185°F) with system thermal solution
Humidity
10% to 95% relative humidity, non-condensing
Vibration Endurance
3.5 Grms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com