Electronic Components Datasheet Search
  English  ▼

X  

TC74VCX573FK Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC74VCX573FK
Description  Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX573FK Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74VCX573FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 10Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TC74VCX573FT/FK
2007-10-19
7
AC Characteristics (Ta = −40~85°C, Input: tr = tf = 2.0 ns) (Note 1)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.2
1.5
47.0
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
1.0
18.8
1.8
± 0.15
1.5
9.4
2.5
± 0.2
0.8
4.7
Propagation delay time (D-Q)
tpLH
tpHL
Figure 1, Figure 2
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
0.6
4.2
ns
1.2
1.5
49.0
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
1.0
19.6
1.8
± 0.15
1.5
9.8
2.5
± 0.2
0.8
4.9
Propagation delay time (LE-Q)
tpLH
tpHL
Figure 1, Figure 2
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
0.6
4.2
ns
1.2
1.5
49.0
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
1.0
19.6
1.8
± 0.15
1.5
9.8
2.5
± 0.2
0.8
5.5
3-state output enable time
tpZL
tpZH
Figure 1, Figure 3
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
0.6
4.5
ns
1.2
1.5
32.5
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
1.0
13.0
1.8
± 0.15
1.5
6.5
2.5
± 0.2
0.8
3.6
3-state output disable time
tpLZ
tpHZ
Figure 1, Figure 3
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
0.6
3.3
ns
1.2
24
⎯
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
8.0
⎯
1.8
± 0.15
4.0
⎯
2.5
± 0.2
1.5
⎯
Minimum pulse width
tw (H)
Figure 1, Figure 2
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
1.5
⎯
ns
1.2
20
⎯
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
7.5
⎯
1.8
± 0.15
2.5
⎯
2.5
± 0.2
1.5
⎯
Minimum set-up time
ts
Figure 1, Figure 2
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
1.5
⎯
ns
1.2
8.0
⎯
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
3.0
⎯
1.8
± 0.15
1.0
⎯
2.5
± 0.2
1.0
⎯
Minimum hold time
th
Figure 1, Figure 2
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
1.0
⎯
ns
1.2
⎯
1.5
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
⎯
1.5
1.8
± 0.15
⎯
0.5
2.5
± 0.2
⎯
0.5
Output to output skew
tosLH
tosHL
(Note 2)
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
⎯
0.5
ns
Note 1: For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Note 2: This parameter is guaranteed by design. (tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com