Electronic Components Datasheet Search
  English  ▼

X  

CEM511 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # CEM511
Description  COM Express Type 6 Compact Module with 7th Gen Intel® Core™ & Celeron® Processor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CEM511 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  CEM511 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Quick installation guide
Standard
CEM511PG-i7-7600U
(P/N: E38D511102)
COM Express Type 6 Compact module with Intel® Core™
i7-7600U, DDI, LVDS, GbE LAN, USB 3.0 and TPM
CEM511PG-i5-7300U
(P/N: E38D511101)
COM Express Type 6 Compact module with Intel® Core™
i5-7300U, DDI, LVDS, GbE LAN, USB 3.0 and TPM
CEM511PG-i3-7100U
(P/N: E38D511100)
COM Express Type 6 Compact module with Intel® Core™
i3-7100U, DDI, LVDS, GbE LAN, USB 3.0 and TPM
CEM511PG-Cel-3965U
(P/N: E38D511103)
COM Express Type 6 Compact module with Intel® Celeron®
3965U, DDI, LVDS, GbE LAN, USB 3.0 and TPM
Optional
CEB94011
(P/N: E394011100)
COM Express Type 6 application board
7108D511000E
CEM511 heat sink with fan
5078D501200E
CEM511 heat spreader
CPU
Intel® Core™ i7-7600U/i5-7300U/i3-7100U processor
(Kaby Lake-U) & Intel® Celeron® processor 3965U
System Memory
2 x 260-pin DDR4-2133 SO-DIMM, up to 32GB
Chipset
SoC integrated
BIOS
AMI uEFI (Legacy free)
SSD
N/A
Watchdog Timer
65536 levels, 0 to 65535 sec.
Expansion Interface
6 x PCI Express Gen3
Battery Lithium
N/A
Power Input
ATX: +12V, +5VSB
AT: +12V
Dimensions
95 x 95 mm
Board Thickness
2.0 mm
Operating Temperature
-40°C to +85°C (-40°F to +185°F)
Humidity
10% to 95% relative humidity, non-condensing
Vibration Endurance
3.5 Grms
SATA
3 x SATA-600
Hardware Monitoring
Yes
Ethernet
1 x 10/100/1000 Mbps Ethernet with Intel® i219-LM;
supports Wake-on-LAN, PXE Boot ROM
Audio
HD link interface to baseboard for Codec
USB
4 x USB 3.0
8 x USB 2.0
Serial
1 x LPC
1 x SPI
2 x TX/RX
TPM
TPM 1.2
SMBus
Yes
Others
1 x I
2C
GPIO
4-CH in & 4-CH out (SDIO optional)
Smart Battery
Yes
Chipset
Intel® gen 9 Graphics Engine
Supports Gfx - DX12.0, OCL2.0, OGL4.3
Display Interface
2 x DDI (DP/HDMI/DVI); the 2nd DDI could be configured
to VGA (optional)
1 x LVDS; 18/24-bit dual channel (eDP optional)
CEM511
COM Express Type 6 Compact Module with 7th Gen Intel® Core™ & Celeron® Processor
I/O
Packing List
Core System
Display
Ordering Information
Rear view
Features
● 7th gen Intel® Core™ i7/i5/i3 and Celeron® processors
(Kaby Lake-U)
● 2 DDR4-2133 SO-DIMM for up to 32GB of memory
● Max. up to 6 lanes of PCI Express
● 3 SATA-600
● 4 USB 3.0 and 8 USB 2.0
● TPM 1.2 supported
● AXView 2.0 intelligent remote management software
7th gen Intel® Core™
processor
2 x DDR4 SO-DIMM
COM Express
connector
DDR4
DDR4
DDR4
USB 3.0
USB
USB
TripleView
Full Solid
Cap Design
Low Power
AiRD
AXView
Ext. Temp
43
www.axiomtek.com
© 2019 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Updated Jun. 02, 2020.


Similar Part No. - CEM511

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM511 AXIOMTEK-CEM511 Datasheet
255Kb / 1P
COM Express Type 6 Module with 7th Gen Intel Core i7/i5/i3 Processor
CEM511 AXIOMTEK-CEM511 Datasheet
406Kb / 1P
COM Express Type 6 Application Board with LVDS, VGA, DDI, Dual LANs and Audio
CEM511 AXIOMTEK-CEM511 Datasheet
376Kb / 2P
COM Express Type 6 Application Board with MXM Slot
Jul. 29, 2019.
More results

Similar Description - CEM511

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6897 ADVANTECH-SOM-6897 Datasheet
1Mb / 2P
6th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
SOM-5898 ADVANTECH-SOM-5898 Datasheet
900Kb / 2P
7th Gen Intel Core/Celeron Processors COM Express Basic Module Type 6
SOM-6898 ADVANTECH-SOM-6898 Datasheet
890Kb / 2P
7th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
logo
DFI Inc
KU968 DFI-KU968 Datasheet
1Mb / 2P
7th Gen Intel Core Processor COM Express Compact
logo
Advantech Co., Ltd.
SOM-6897 ADVANTECH-SOM-6897_V01 Datasheet
902Kb / 2P
6th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
30-May-2018
SOM-6882 ADVANTECH-SOM-6882 Datasheet
4Mb / 6P
8th Generation Intel® Core™ Processor U-Series Celeron 4000 Series COM Express Compact Module Type 6
29-Jul-2022
logo
AAEON Technology
COM-SKUC6_KBUC6 AAEON-COM-SKUC6_KBUC6 Datasheet
503Kb / 2P
COM Express Type 6 Compact Size with 6th/7th Gen Intel ® Core™ U Processors
2022/09/01
COM-WHUC6 AAEON-COM-WHUC6 Datasheet
505Kb / 2P
COM Express Compact Type 6 with 8th Gen Intel® Core™ ULT SoC
2022/09/01
NANOCOM-KBU-A20 AAEON-NANOCOM-KBU-A20 Datasheet
671Kb / 2P
COM Express Type 10 with 6th/7th Generation Intel® Core™/Celeron™ Series Processor
2022/11/24
NANOCOM-KBU AAEON-NANOCOM-KBU Datasheet
668Kb / 2P
COM Express Type 10 with 7th Generation Intel® Core™ U Series Processor
2022/11/24
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com