Electronic Components Datasheet Search
  English  ▼

X  

LH1501 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LH1501
Description  1 Form B
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LH1501 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LH1501 Datasheet HTML 1Page - Siemens Semiconductor Group LH1501 Datasheet HTML 2Page - Siemens Semiconductor Group LH1501 Datasheet HTML 3Page - Siemens Semiconductor Group LH1501 Datasheet HTML 4Page - Siemens Semiconductor Group LH1501 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Electrical Characteristics TA=25°C
Minimum and maximum values are testing require-
ments. Typical values are characteristics of the device
and are the result of engineering evaluations. Typical
values are for information purposes only and are not
part of the testing requirements.
*IF=10 mA.
Parameter
Symbol
Test Conditions
Values
LH1501
LH1511
Units
I
N
P
U
T
LED Forward Current
for Switch Turn-off
IFoff
—
Min
—
—
mA
Typ
1.0
1.0
mA
Max
2.0
2.0
mA
VL
±
300
150
V
LED Forward Current
for Switch Turn-on
IFon
t=10 ms
Min
0.2
0.2
mA
Typ
0.9
0.9
mA
Max
—
—
mA
IL
±
150
200
mA
LED Forward Voltage
VF
IF=10 mA
Min
1.15
1.15
V
Typ
1.26
1.26
V
Max
1.45
1.45
V
O
U
T
P
U
T
ON-resistance
ac/dc
Pins 4, 6 (+) to 5 (–)
dc
Pins 4, 6 (+) to 5 (–)
RON
IF=0 mA
IL=50 mA
Min
12
6
Ω
Typ
20
10
Ω
Max
25
15
Ω
IF=0 mA
IL=100 mA
Min
3.00
1.50
Ω
Typ
5.00
2.50
Ω
Max
6.25
3.75
Ω
OFF-resistance
ROFF
IF=5 mA
VL=±100 V
Min
0.1
0.1
G
Ω
Typ
1.4
1.4
G
Ω
Max
—
—
G
Ω
Off-state
Leakage Current
—IF=5 mA
VL=±100 V
Min
—
—
µA
Typ
0.07
0.07
µA
Max
1.0
1.0
µA
IF=5 mA
Min
—
—
µA
Typ
0.08
0.07
µA
Max
1.0
1.0
µA
VL
±
350
200
V
Output Capacitance
—
IF=5 mA
VL=1 V
Min
—
—
pF
Typ
45
35
pF
Max
—
—
pF
IF=5 mA
VL=50 V
Min
—
—
pF
Typ
10
15
pF
Max
—
—
pF
Switch Offset
—
IF=0 mA
Min
—
—
µV
Typ
0.1
0.1
µV
Max
—
—
µV
Input/Output Capacitance
CISO
VISO=1 V
Min
—
—
pF
Typ
0.8
0.8
pF
Max
—
—
pF
Turn-off Time
toff
IF=5 mA
Min
—
—
ms
IL=50 mA
Typ
2.0
1.0*
ms
Max
3.0
3.0*
ms
Turn-on Time
ton
IF=5 mA
Min
—
—
ms
IL=50 mA
Typ
1.0
1.2*
ms
Max
3.0
3.0*
ms
LH1501, LH1511, LH1536



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com