Electronic Components Datasheet Search
  English  ▼

X  

3210036 Datasheet(PDF) 2 Page - Fortex Engineering Ltd

Part # 3210036
Description  JETSTAR INKJET ARTWORK FILM STANDARD AND PREMIUM JETSTAR INKJET ARTWORK FILM STANDARD AND PREMIUM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTEX [Fortex Engineering Ltd]
Direct Link  https://www.fortex.co.uk/
Logo FORTEX - Fortex Engineering Ltd

3210036 Datasheet(HTML) 2 Page - Fortex Engineering Ltd

  3210036 Datasheet HTML 1Page - Fortex Engineering Ltd 3210036 Datasheet HTML 2Page - Fortex Engineering Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fortex Engineering Ltd, Unit 16, Freeman Road, Lincoln, LN6 9AP, United Kingdom
www.fortex.co.uk
sales@fortex.co.uk
+44(0)1522 718 168
TIP: Experiment with the setting options available with your printer to
determine the best set-up for your requirements. If positive seems light or
lacks density, try increasing the print quality or amount of ink deposit.
4.
4.
4.
4. Print.
Print.
Print.
Print.
JetStar films dry almost instantaneously. With most inks, the positive will be
dry and ready for use in less than two minutes. Drying times will vary based
on printers, inks and conditions.
Note: Always make sure positive is completely dry before using. Transfer or
marring of image can occur if used before completely dry.
5.
5.
5.
5. Double Print?
Double Print?
Double Print?
Double Print?
Most modern inkjet printers are extremely accurate in terms of printing
repeatability. If for any reason you are not obtaining opaque blacks it is worth
experimenting with a double print. When the original is dry, reload and reprint
the image. This will increase the opacity and you may find you have no
registration / accuracy issues
PLEASE NOTE:
PLEASE NOTE:
PLEASE NOTE:
PLEASE NOTE: JETSTAR inkjet films are designed to work with standard
aqueous inkjet printers. Results will vary based on printer used, type of ink,
software and artwork quality. Generally, printers with higher resolution
capability will yield better looking positives. But remember, image quality
depends the most on having quality artwork with adequate resolution and
smooth line edges. As with any digital media, experimentation is necessary to
determine the proper equipment settings to achieve desired results. We
highly recommend the use of rip software, such as Wasatch SoftRIP or
AccuRip for optimal results.
Printing Environment
Printing Environment
Printing Environment
Printing Environment should be 65° - 75°F with a relative humidity of 40 - 70%
for best results.
Storage.
Storage.
Storage.
Storage. Positives/negatives created with Jetstar inkjet products are re-usable
and can be stored for later use. For best results, interleaf positives with a clean
piece of newsprint and store in a low humidity environment.
Product Selection Char
Product Selection Char
Product Selection Char
Product Selection Chartttt
PRODUCT NAME
PRODUCT NAME
PRODUCT NAME
PRODUCT NAME
PRODUCT CODE
PRODUCT CODE
PRODUCT CODE
PRODUCT CODE
WATER RESISTANT
WATER RESISTANT
WATER RESISTANT
WATER RESISTANT
DENSITY
DENSITY
DENSITY
DENSITY
JETSTAR PREMIUM A4 10 SHEET PACK
JETSTAR PREMIUM A4 10 SHEET PACK
JETSTAR PREMIUM A4 10 SHEET PACK
JETSTAR PREMIUM A4 10 SHEET PACK
PPP
PPP
PPP
PPP----A4100
A4100
A4100
A4100
Yes
Yes
Yes
Yes
DMAX up to 4.0
DMAX up to 4.0
DMAX up to 4.0
DMAX up to 4.0
JETSTAR PREMIUM A4 100 SHEET PACK
JETSTAR PREMIUM A4 100 SHEET PACK
JETSTAR PREMIUM A4 100 SHEET PACK
JETSTAR PREMIUM A4 100 SHEET PACK
PPP
PPP
PPP
PPP----A4101
A4101
A4101
A4101
Yes
Yes
Yes
Yes
DMAX up to 4.0
DMAX up to 4.0
DMAX up to 4.0
DMAX up to 4.0
JETSTAR PREMIUM A3 10 SHEET PACK
JETSTAR PREMIUM A3 10 SHEET PACK
JETSTAR PREMIUM A3 10 SHEET PACK
JETSTAR PREMIUM A3 10 SHEET PACK
PPP
PPP
PPP
PPP----A3100
A3100
A3100
A3100
Yes
Yes
Yes
Yes
DMAX up to 4.0
DMAX up to 4.0
DMAX up to 4.0
DMAX up to 4.0
JETSTAR PREM
JETSTAR PREM
JETSTAR PREM
JETSTAR PREMIUM A3 100 SHEET PACK
IUM A3 100 SHEET PACK
IUM A3 100 SHEET PACK
IUM A3 100 SHEET PACK
PPP
PPP
PPP
PPP----A3101
A3101
A3101
A3101
Yes
Yes
Yes
Yes
DMAX up to 4.0
DMAX up to 4.0
DMAX up to 4.0
DMAX up to 4.0
JETSTAR STANDARD A4 10 SHEET PACK
JETSTAR STANDARD A4 10 SHEET PACK
JETSTAR STANDARD A4 10 SHEET PACK
JETSTAR STANDARD A4 10 SHEET PACK
CPP
CPP
CPP
CPP----A4100
A4100
A4100
A4100
Yes
Yes
Yes
Yes
DMAX up to 4.0
DMAX up to 4.0
DMAX up to 4.0
DMAX up to 4.0
JETSTAR STANDARD A4 10 SHEET PACK
JETSTAR STANDARD A4 10 SHEET PACK
JETSTAR STANDARD A4 10 SHEET PACK
JETSTAR STANDARD A4 10 SHEET PACK
CPP
CPP
CPP
CPP----A4101
A4101
A4101
A4101
Yes
Yes
Yes
Yes
DMAX up to 4.0
DMAX up to 4.0
DMAX up to 4.0
DMAX up to 4.0
JETSTAR STANDARD A4 10 SHEET PACK
JETSTAR STANDARD A4 10 SHEET PACK
JETSTAR STANDARD A4 10 SHEET PACK
JETSTAR STANDARD A4 10 SHEET PACK
CPP
CPP
CPP
CPP----A3100
A3100
A3100
A3100
Yes
Yes
Yes
Yes
DMAX up to 4.0
DMAX up to 4.0
DMAX up to 4.0
DMAX up to 4.0
JETSTAR STAN
JETSTAR STAN
JETSTAR STAN
JETSTAR STANDARD A4 10 SHEET PACK
DARD A4 10 SHEET PACK
DARD A4 10 SHEET PACK
DARD A4 10 SHEET PACK
CPP
CPP
CPP
CPP----A3101
A3101
A3101
A3101
Yes
Yes
Yes
Yes
DMAX up to 4.0
DMAX up to 4.0
DMAX up to 4.0
DMAX up to 4.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com