Electronic Components Datasheet Search
  English  ▼

X  

AD5372 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5372
Description  Evaluation Board for AD5370/AD5372/AD5373
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5372 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5372 Datasheet HTML 4Page - Analog Devices AD5372 Datasheet HTML 5Page - Analog Devices AD5372 Datasheet HTML 6Page - Analog Devices AD5372 Datasheet HTML 7Page - Analog Devices AD5372 Datasheet HTML 8Page - Analog Devices AD5372 Datasheet HTML 9Page - Analog Devices AD5372 Datasheet HTML 10Page - Analog Devices AD5372 Datasheet HTML 11Page - Analog Devices AD5372 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
EVAL-AD5370/2/3EBZ
Preliminary Technical Data
Rev. PrC | Page 12 of 12
EB07010-0-5/08(PrC)
Name
Part Type
Value
PCB Decal
Part Description
Stock Code1
C5, C6, C7,
C8, C9, C10,
C12, C13,
C14, C15,
C16, C18,
C19, C20,
C22, C24,
C26, C28,
C30, C32,
C34, C36,
C40, C41,
C43, C44
CAP
0.1uF
0603
50V X7R Multilayer Ceramic Capacitor
FEC 882-0023
R7
RES
1k
0603
SMD Resistor
FEC 911-239
R2, R4, R5
RES
10k
0603
SMD Resistor
FEC 911-355
R3, R6, R8, R9,
R13, R15
RES
100k
0603
SMD Resistor
FEC 911-471
1FEC refers to Farnell In One (www.farnell.com). Digi-Key refers to Digi-Key Corporation (www.digikey.com)
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com