Electronic Components Datasheet Search
  English  ▼

X  

ADG901 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG901
Description  0 Hz to 4.5 GHz, 40 dB Off Isolation at 1 GHz, 17 dBm P1dB at 1 GHz SPST Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG901 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG901 Datasheet HTML 5Page - Analog Devices ADG901 Datasheet HTML 6Page - Analog Devices ADG901 Datasheet HTML 7Page - Analog Devices ADG901 Datasheet HTML 8Page - Analog Devices ADG901 Datasheet HTML 9Page - Analog Devices ADG901 Datasheet HTML 10Page - Analog Devices ADG901 Datasheet HTML 11Page - Analog Devices ADG901 Datasheet HTML 12Page - Analog Devices ADG901 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet
ADG901/ADG902
Rev. D | Page 9 of 13
TERMINOLOGY
VDD
Most positive power supply potential.
IDD
Positive supply current.
GND
Ground (0 V) reference.
CTRL
Logic control input.
VINL
Maximum input voltage for Logic 0.
VINH
Minimum input voltage for Logic 1.
IINL (IINH)
Input current of the digital input.
CIN
Digital input capacitance.
tON
Delay between applying the digital control input and the output
switching on.
tOFF
Delay between applying the digital control input and the output
switching off.
tRISE
Rise time. Time for the RF signal to rise from 10% to 90% of the
on level.
tFALL
Fall time. Time for the RF signal to fall from 90% to 10% of the
on level.
Off Isolation
The attenuation between input and output ports of the switch
when the switch control voltage is in the off condition.
Insertion Loss
The attenuation between input and output ports of the switch
when the switch control voltage is in the on condition.
P1dB
1 dB compression point. The RF input power level at which the
switch insertion loss increases by 1 dB over its low level value. It
is a measure of how much power the on switch can handle
before the insertion loss increases by 1 dB.
IP3
Third-order intermodulation intercept. This is a measure of the
power in false tones that occur when closely spaced tones are
passed through a switch, whereby the nonlinearity of the switch
causes these false tones to be generated.
Return Loss
The amount of reflected power relative to the incident power at
a port. Large return loss indicates good matching. By measuring
return loss the voltage standing wave ratio VSWR can be
calculated from conversion charts. The VSWR indicates the
degree of matching present at a switch RF port.
Video Feedthrough
The spurious signals present at the RF ports of the switch when
the control voltage is switched from high to low or low to high
without an RF signal present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com