Electronic Components Datasheet Search
  English  ▼

X  

12052456 Datasheet(PDF) 4 Page - Aptiv

Part # 12052456
Description  Crimp Information Sheet
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

12052456 Datasheet(HTML) 4 Page - Aptiv

  12052456 Datasheet HTML 1Page - Aptiv 12052456 Datasheet HTML 2Page - Aptiv 12052456 Datasheet HTML 3Page - Aptiv 12052456 Datasheet HTML 4Page - Aptiv 12052456 Datasheet HTML 5Page - Aptiv 12052456 Datasheet HTML 6Page - Aptiv 12052456 Datasheet HTML 7Page - Aptiv 12052456 Datasheet HTML 8Page - Aptiv 12052456 Datasheet HTML 9Page - Aptiv Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Crimp Information Sheet
Terminal Part Number:
12052456
Surface Plating:
SN
Material Thickness [mm]: 0,40
Cross Section [mm²]:
3,00 | 5,00
Cable Type codes:
1007
Crimp Process:
(C) CRIMP ONLY - TERMINAL IS APPLIED CRIMP ONLY
Insulation Range Φ[mm]: 3,45 - 4,70
Seal(s):
15324994 | 15324996
Cable type / seal
Arrangement
Nominal Insul. diam
[mm]
Tear-out
force [N]
CCH
[mm]
Tol
CCH
[mm]
CCW
[mm]
Tol
CCW
[mm]
ICH
[mm]
Tol
ICH
[mm]
ICW
[mm]
Tol
ICW
[mm]
1007 3,00 / 15324994
3,63
250
2,10
0,05
3,70
0,10
6,70
0,20
6,70
0,20
1007 5,00 / 15324996
4,45
300
2,20
0,05
3,70
0,10
6,70
0,20
6,70
0,20
Cable type code legend:
1007:
Industry Designator:
SAE
Conductor Material:
COPPER
Conductor Plating:
NONE
Insul. Material:
PVC, XLPA/PVDF, XLPE
Insul. Wall Designator:
REGULAR
File generated: 2013-10-30
Page 4 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com