Electronic Components Datasheet Search
  English  ▼

X  

75122 Datasheet(PDF) 6 Page - APM Hexseal Corporation All Rights Reserved

Part # 75122
Description  SELF-SEALING FASTENERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

75122 Datasheet(HTML) 6 Page - APM Hexseal Corporation All Rights Reserved

  75122 Datasheet HTML 1Page - APM Hexseal Corporation All Rights Reserved 75122 Datasheet HTML 2Page - APM Hexseal Corporation All Rights Reserved 75122 Datasheet HTML 3Page - APM Hexseal Corporation All Rights Reserved 75122 Datasheet HTML 4Page - APM Hexseal Corporation All Rights Reserved 75122 Datasheet HTML 5Page - APM Hexseal Corporation All Rights Reserved 75122 Datasheet HTML 6Page - APM Hexseal Corporation All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SEELOC
®
Vibration-resistant, self-sealing washers
SEELOC® Washers are self-sealing, vibration-resistant washers, each having a silicone rubber section, molded and bonded to a stainless steel formed
washer. These washers are designed for use with regular screws or bolts for sealing panels and cases having large clearance holes or slots, and can
also be used to seal openings of protrusions as shown below. Upon tightening, a seal is formed under the head of the screw or bolt as well as around
the periphery of the washer face.
Printed in USA
APM
SEELSKREWS®, SEELBOLTS®, SEELRIVETS®, & KAPTO-SKREWS®
are U.S. Registered Trademarks of APM HEXSEAL CORPORATION.
6
44 Honeck Street • Englewood NJ 07631 • Tel.: (201) 569-5700 • Fax: (201) 569-4106 • www.apmhexseal.com
WHEN JUST FASTENING ISN’T ENOUGH™
PART NO.
For Thread Size
Washer O.D.
75601
#6
1/2"
75801
#8
1/2"
75101
#10
1/2"
75602
#6
1"
75802
#8
1"
75102
#10
1"
75082
1/4
1"
75107
5/16
1"
75122
3/8
1"
75142
7/16
1"
75603
1/2
1"
75603
#6
1-1/2"
75803
#8
1-1/2"
75103
#10
1-1/2"
75083
1/4
1-1/2"
75108
5/16
1-1/2"
75123
3/8
1-1/2"
75143
7/16
1-1/2"
75163
1/2
1-1/2"
Consult factory for additional sizes.
SEELOC® SPECIFICATIONS
Material: Standard Seeloc® washer is stainless steel, but can be made in carbon steel,
nickel-plated brass, aluminum, etc. Silicone rubber is standard.
Temperature Range: -160°F to +500°F
Pressure Range: exceeds 100 psi internal and external.
Shelf Life: Excess of 25 years.
Resistant to: Salt water, acids, weather, sunlight, ozone, etc.
Installation: Seeloc® washers are installed on bolts or screws in the same manner as
regular washers. The rubber section should always face the panel.
Visit our website for downloadable CAD drawings:
www.apmhexseal.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com