Electronic Components Datasheet Search
  English  ▼

X  

75123 Datasheet(PDF) 3 Page - APM Hexseal Corporation All Rights Reserved

Part # 75123
Description  SELF-SEALING FASTENERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

75123 Datasheet(HTML) 3 Page - APM Hexseal Corporation All Rights Reserved

  75123 Datasheet HTML 1Page - APM Hexseal Corporation All Rights Reserved 75123 Datasheet HTML 2Page - APM Hexseal Corporation All Rights Reserved 75123 Datasheet HTML 3Page - APM Hexseal Corporation All Rights Reserved 75123 Datasheet HTML 4Page - APM Hexseal Corporation All Rights Reserved 75123 Datasheet HTML 5Page - APM Hexseal Corporation All Rights Reserved 75123 Datasheet HTML 6Page - APM Hexseal Corporation All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SEELSKREW
®
High-pressure, self-sealing screws
Recom. Clear. Hole‡
THREAD SIZE
LENGTHS*
C MAX.
D MAX.
MIN.
MAX.
2-56UNC-2A
1/4" to 5/8" incl.
.168"
.055"
.091"
.095"
3-56UNF-2A
1/4" to 5/8" incl.
.194"
.063"
.109"
.113"
3-48UNC-2A
1/4" to 5/8" incl.
.194"
.063"
.109"
.113"
4-40UNC-2A
1/4" to 1" incl.
.220"
.069"
.125"
.129"
5-40UNC-2A
1/4" to 1" incl.
.245"
.075"
.140"
.144"
6-32UNC-2A
1/4" to 1" incl.
.271"
.083"
.147"
.152"
8-32UNC-2A
1/4" to 1" incl.
.323"
.097"
.173"
.179"
10-32UNF-2A
1/4" to 1" incl.
.374"
.113"
.199"
.204"
10-24UNC-2A
1/4" to 1" incl.
.374"
.113"
.199"
.204"
1/4-20UNC-2A
5/16" to 11/4" incl.
.493"
.148"
.265"
.269"
STANDARD PAN HEAD (available from stock)
TYPE S SLOTTED
LENGTHS
Recom. Clear. Hole‡
THREAD SIZE
in increments of 1/8"
C MAX.
D MAX.
MIN.
MAX.
4-40UNC-2A
1/4" to 1" incl.
.245"
.075"
.144"
.148"
6-32UNC-2A
1/4" to 1" incl.
.296"
.089"
.171"
.175"
8-32UNC-2A
1/4" to 1" incl.
.373"
.112"
.201"
.205"
10-32UNF-2A
1/4" to 1" incl.
.425"
.125"
.257"
.261"
10-24UNC-2A
1/4" to 1" incl.
.425"
.125"
.257"
.261"
OVERSIZED PAN HEAD (on special order only)
TYPE SL OVERSIZED
Recom. Clear. Hole‡
THREAD SIZE
LENGTHS
C MAX.
D MAX.
MIN.
MAX.
inch
mm
inch
mm
inch
mm
inch
mm
mm
4, 8, 12
M2
.167
4.24
.054
1.37
.091
2.31
.095
2.41
inch
.157, .315, .472
mm
6, 12, 20
M3
.245
6.22
.075
1.90
.140
3.55
.144
3.65
inch
.236, .472, .787
mm
6, 12, 20
M4
.322
8.17
.096
2.43
.173
4.39
.179
4.54
inch
.236, .472, .787
mm
12, 20, 25
M6
.492
12.49
.147
3.73
.265
6.73
.269
6.83
inch
.472, .787, .984
METRIC PAN HEAD (available from stock)
TYPE SM SLOTTED
Recom. Clear. Hole‡
THREAD SIZE
LENGTHS*
C MAX.
D MAX.
MIN.
MAX.
2-56UNC-2A
1/4" to 1" incl.
.181"
.062"
.091"
.095"
4-40UNC-2A
1/4" to 1" incl.
.238"
.080"
.125"
.129"
6-32UNC-2A
1/4" to 1" incl.
.294"
.097"
.147"
.152"
8-32UNC-2A
1/4" to 1" incl.
.347"
.115"
.173"
.179"
10-32UNF-2A
3/8" to 1" incl.
.403"
.133"
.199"
.204"
10-24UNC-2A
3/8" to 1" incl.
.403"
.133"
.199"
.204"
1/4-20UNC-2A
3/8" to 11/4" incl.
.517"
.175"
.265"
.269"
STANDARD PAN HEAD (available from stock) TYPE R PHILLIPS RECESSED
Recom. Clear. Hole‡
THREAD SIZE
LENGTHS*
C MAX.
MIN.
MAX.
2-56UNC-2A**
1/4" to 1" incl.
.172"
.091
.095"
4-40UNC-2A
1/4" to 1" incl.
.225"
.125"
.129"
6-32UNC-2A
1/4" to 1" incl.
.279"
.147"
.152"
8-32UNC-2A
1/4" to 1" incl.
.332"
.173"
.179"
10-24UNF-2A
5/16" to 1" incl.
.385"
.199"
.204"
10-32UNC-2A
5/16" to 1" incl.
.385"
.199"
.204"
1/4-20UNC-2A
3/8" to 11/4" incl.
.507"
.265"
.269"
FLAT HEAD (available from stock)
TYPE SFR PHILLIPS RECESSED
TYPE S SLOTTED
TYPE SL OVERSIZED SLOTTED
TYPE SM METRIC SLOTTED
TYPE R PHILLIPS RECESSED (MEETS
REQUIREMENTS OF MS 3212 & MS 3213)
TYPE SFR PHILLIPS RECESSED
*In increments of 1/16" up to 5/8" long; from 5/8" long and up, in increments of 1/8".
Tolerance up to 1" length + 0 – 1/32; 1" to 2" + 0 – 1/16. **82° countersink.
‡To assure maximum sealing performance of SEELSKREWS®
a clearance hole must be used. Consult factory for additional sizes.
Oversized Head SEELSKREWS® are only for those applications where extra large
clearance holes are required. Consult factory for additional sizes.
TYPE RM PHILLIPS RECESSED
SEELSKREWS® are designed to seal out air, water, lubricants and other liquid or gaseous contaminants. SEELSKREWS® are available in many
standard thread sizes and with optional sealing materials. They can also be supplied with either NYLOK® self-locking Aero-Patch™ or Aero-Pellet™,
a black oxide, painted heads, or in a captivated (KAPTO-SKREW®) configuration. Sheet metal and other type fasteners available on special order.
Recom. Clear. Hole‡
THREAD SIZE
LENGTHS
C MAX.
D MAX.
MIN.
MAX.
inch
mm
inch
mm
inch
mm
inch
mm
mm
4, 8, 12
M2
.167
4.24
.062
1.57
.091
2.31
.095
2.41
inch
.157, .315, .472
mm
6, 12, 20
M3
.263
6.68
.089
2.26
.140
3.55
.144
3.65
inch
.236, .472, .787
mm
6, 12, 20
M4
.322
8.17
.115
2.92
.173
4.39
.179
4.54
inch
.236, .472, .787
mm
12, 20, 25
M6
.492
12.49
.175
4.44
.265
6.73
.269
6.83
inch
.472, .787, .984
METRIC PAN HEAD (on special order only) TYPE RM PHILLIPS RECESSED
3
Consult factory for additional sizes.
Consult factory for additional sizes.
Consult factory for additional sizes.
Consult factory for additional sizes.
Visit our website for downloadable CAD drawings:
www.apmhexseal.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com