Electronic Components Datasheet Search
  English  ▼

X  

ADF5901 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF5901
Description  Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5901 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF5901 Datasheet HTML 6Page - Analog Devices ADF5901 Datasheet HTML 7Page - Analog Devices ADF5901 Datasheet HTML 8Page - Analog Devices ADF5901 Datasheet HTML 9Page - Analog Devices ADF5901 Datasheet HTML 10Page - Analog Devices ADF5901 Datasheet HTML 11Page - Analog Devices ADF5901 Datasheet HTML 12Page - Analog Devices ADF5901 Datasheet HTML 13Page - Analog Devices ADF5901 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
UG-866
EV-RADAR-MMIC2 User Guide
Rev. B | Page 10 of 28
ADF4159 Ramps and Shift Keying
In the Ramps and Shift Keying tab, configure the ramping
functionality of the ADF4159.
Select the ramp type in the Ramp mode drop down menu; the
various ramp parameters can be set in the CLK1 spin box and
in the Up Ramp pane.
Example of Ramp Setup
Figure 6 shows the ramping settings for a continuous triangular
ramp of 1000 up ramp steps over 200 MHz at the ADF5901 Tx
output with a ramp time of 5 ms.
For 200 MHz, the PLL is programmed for a 100 MHz ramp
because the evaluation board uses the ADF5901 auxiliary output
with a 12 GHz output signal. After each parameter is set in the
software, each register must be written to the device.
The other options in this tab allow configuration of the various
ramps and shift keying controls of the ADF4159.
Figure 6. Ramp and Shift Keying Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com