Electronic Components Datasheet Search
  English  ▼

X  

ADF4159 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4159
Description  Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159 Datasheet(HTML) 1 Page - Analog Devices

  ADF4159 Datasheet HTML 1Page - Analog Devices ADF4159 Datasheet HTML 2Page - Analog Devices ADF4159 Datasheet HTML 3Page - Analog Devices ADF4159 Datasheet HTML 4Page - Analog Devices ADF4159 Datasheet HTML 5Page - Analog Devices ADF4159 Datasheet HTML 6Page - Analog Devices ADF4159 Datasheet HTML 7Page - Analog Devices ADF4159 Datasheet HTML 8Page - Analog Devices ADF4159 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
EV-RADAR-MMIC2 User Guide
UG-866
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset
for a 24 GHz FMCW Radar
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. B | Page 1 of 28
FEATURES
Evaluates the chipset containing the ADF5901 24 GHz Tx MMIC,
the ADF5904 24 GHz Rx MMIC, and the ADF4159 13 GHz PLL
Accompanying software controls all functions from a PC
EVALUATION KIT CONTENTS
EV-RADAR-MMIC2 evaluation board
EV-ADAR-D2S evaluation board
ADDITIONAL EQUIPMENT
PC running Windows XP or a more recent software version
SDP-S or SDP-B board
Spectrum analyzer
Oscilloscope
5 V power supply
±9 V power supply
DOCUMENTS NEEDED
ADF5901 data sheet
ADF5904 data sheet
ADF4159 data sheet
REQUIRED SOFTWARE
Analog Devices, Inc., EV-RADAR-MMIC
GENERAL DESCRIPTION
The EV-RADAR-MMIC2 evaluation board is designed to evaluate
the performance of the ADF5901, a 24 GHz transmitter (Tx)
monolithic microwave integrated circuit (MMIC); the ADF5904,
a 24 GHz receiver (Rx) MMIC; and the ADF4159, a 13 GHz
phase-locked loop (PLL) for a frequency modulated continuous
wave (FMCW) radar system. Figure 1 shows the evaluation
board, which evaluates the ADF5901, ADF5904, and ADF4159
chipset, six high frequency K type connectors for the two Tx
outputs and four Rx inputs, banana connectors for the power
supply, and a connector for a system demonstration platform
(SDP) serial interface.
The EV-ADAR-D2S adapter board contains the eight AD8129
differential receiver amplifiers that convert the baseband ADF5904
differential signals to single-ended signals with a 20 dB gain.
The evaluation kit also contains the Analog Devices EV-RADAR-
MMIC Software, which is compatible with Windows® XP and
later Windows versions to allow easy programming of the device.
The EV-RADAR-MMIC2 evaluation board requires an SDP-S
or SDP-B board (not supplied with the kit). The SDP board
allows software programming of all the devices.
Full specifications for the ADF5901, ADF5904, and ADF4159
are listed in the ADF5901 data sheet, the ADF5904 data sheet,
and the ADF4159 data sheet available from Analog Devices and
should be consulted in conjunction with this user guide when
using the evaluation board.


Similar Part No. - ADF4159

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4159 AD-ADF4159 Datasheet
627Kb / 36P
Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
REV. B
ADF4159 AD-ADF4159 Datasheet
653Kb / 36P
Direct Modulation/Fast Waveform Generating,
9/13-Rev. B to Rev. C
ADF4159CCPZ AD-ADF4159CCPZ Datasheet
627Kb / 36P
Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
REV. B
ADF4159CCPZ AD-ADF4159CCPZ Datasheet
653Kb / 36P
Direct Modulation/Fast Waveform Generating,
9/13-Rev. B to Rev. C
ADF4159CCPZ-RL7 AD-ADF4159CCPZ-RL7 Datasheet
627Kb / 36P
Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
REV. B
More results

Similar Description - ADF4159

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
Evaluation Board for the CS44L11
logo
Analog Devices
UG-791 AD-UG-791 Datasheet
714Kb / 14P
Evaluation Board for the ADF5904 4-Channel, 24 GHz Receiver Downconverter
REV. 0
logo
Texas Instruments
AWR1443 TI1-AWR1443 Datasheet
1Mb / 76P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1642 TI1-AWR1642 Datasheet
3Mb / 84P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
logo
Sames
PM2005MP SAMES-PM2005MP Datasheet
252Kb / 12P
Evaluation Board for the SA2005M and SA2005P
logo
Texas Instruments
AWR1642 TI1-AWR1642_18 Datasheet
3Mb / 88P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1443 TI1-AWR1443_18 Datasheet
1Mb / 76P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1843 TI1-AWR1843 Datasheet
2Mb / 77P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
logo
Analog Devices
ADF5902 AD-ADF5902 Datasheet
498Kb / 39P
24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
12/2018-Revision 0
logo
Texas Instruments
AWR1843AOP TI-AWR1843AOP_V01 Datasheet
3Mb / 88P
AWR1843AOP Single-chip 77- and 79-GHz FMCW radar sensor
REVISED SEPTEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com