Electronic Components Datasheet Search
  English  ▼

X  

ADP7104 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP7104
Description  Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7104 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP7104 Datasheet HTML 18Page - Analog Devices ADP7104 Datasheet HTML 19Page - Analog Devices ADP7104 Datasheet HTML 20Page - Analog Devices ADP7104 Datasheet HTML 21Page - Analog Devices ADP7104 Datasheet HTML 22Page - Analog Devices ADP7104 Datasheet HTML 23Page - Analog Devices ADP7104 Datasheet HTML 24Page - Analog Devices ADP7104 Datasheet HTML 25Page - Analog Devices ADP7104 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
UG-866
EV-RADAR-MMIC2 User Guide
Rev. B | Page 22 of 28
RF
RG
RF
RG
Gain 1 AD8130 RF = 0 RG = NC
Gain 10 AD8129 RF = 560 RG = 62
C6
1uF
O3
R8
0r
C32
10pF
C5
1uF
C67
1uF
C34
1uF
C29
1uF
C31
10pF
C33
100pF
C30
100pF
C8
1uF
O4
R12
0r
C38
10pF
C7
1uF
C68
1uF
C40
1uF
C35
1uF
C37
10pF
C39
100pF
C36
100pF
TP6
TP5
TP8
TP7
R9
0r
R10
0r
1
+
2
3
4
5
6
OP
7
8
-
U3
AD8130ARZ
1
+
2
3
4
5
6
OP
7
8
-
U4
AD8130ARZ
VPOS2
VNEG2
VPOS2
VNEG2
VPOS
VPOS2
VNEG
VNEG2
RX2_I
RX2_IB
RX2_Q
RX2_QB
Figure 26. EV-ADAR-D2S Schematic (Page 3)
RF
RG
RF
RG
Gain 1 AD8130 RF = 0 RG = NC
Gain 10 AD8129 RF = 560 RG = 62
C10
1uF
O5
R14
0r
C44
10pF
C9
1uF
C69
1uF
C46
1uF
C41
1uF
C43
10pF
C45
100pF
C42
100pF
C12
1uF
O6
R18
0r
C50
10pF
C11
1uF
C70
1uF
C52
1uF
C47
1uF
C49
10pF
C51
100pF
C48
100pF
TP10
TP9
TP12
TP11
R15
0r
R16
0r
1
+
2
3
4
5
6
OP
7
8
-
U5
AD8130ARZ
1
+
2
3
4
5
6
OP
7
8
-
U6
AD8130ARZ
VPOS3
VNEG3
VPOS3
VNEG3
VPOS
VPOS3
VNEG
VNEG3
RX3_I
RX3_IB
RX3_Q
RX3_QB
Figure 27. EV-ADAR-D2S Schematic (Page 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com