Electronic Components Datasheet Search
  English  ▼

X  

AD8130ARZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD8130ARZ
Description  Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8130ARZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8130ARZ Datasheet HTML 19Page - Analog Devices AD8130ARZ Datasheet HTML 20Page - Analog Devices AD8130ARZ Datasheet HTML 21Page - Analog Devices AD8130ARZ Datasheet HTML 22Page - Analog Devices AD8130ARZ Datasheet HTML 23Page - Analog Devices AD8130ARZ Datasheet HTML 24Page - Analog Devices AD8130ARZ Datasheet HTML 25Page - Analog Devices AD8130ARZ Datasheet HTML 26Page - Analog Devices AD8130ARZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
EV-RADAR-MMIC2 User Guide
UG-866
Rev. B | Page 23 of 28
RF
RG
RF
RG
Gain 1 AD8130 RF = 0 RG = NC
Gain 10 AD8129 RF = 560 RG = 62
C14
1uF
O7
R20
0r
C56
10pF
C13
1uF
C71
1uF
C58
1uF
C53
1uF
C55
10pF
C57
100pF
C54
100pF
C16
1uF
O8
R24
0r
C62
10pF
C15
1uF
C72
1uF
C64
1uF
C59
1uF
C61
10pF
C63
100pF
C60
100pF
TP14
TP13
TP16
TP15
R21
0r
R22
0r
1
+
2
3
4
5
6
OP
7
8
-
U7
AD8130ARZ
1
+
2
3
4
5
6
OP
7
8
-
U8
AD8130ARZ
VPOS4
VNEG4
VPOS4
VNEG4
VPOS
VPOS4
VNEG
VNEG4
RX4_I
RX4_IB
RX4_Q
RX4_QB
Figure 28. EV-ADAR-D2S Schematic (Page 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com