Electronic Components Datasheet Search
  English  ▼

X  

FS4008D Datasheet(PDF) 71 Page - Positronic.

Part # FS4008D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4008D Datasheet(HTML) 71 Page - Positronic.

Back Button FS4008D Datasheet HTML 67Page - Positronic. FS4008D Datasheet HTML 68Page - Positronic. FS4008D Datasheet HTML 69Page - Positronic. FS4008D Datasheet HTML 70Page - Positronic. FS4008D Datasheet HTML 71Page - Positronic. FS4008D Datasheet HTML 72Page - Positronic. FS4008D Datasheet HTML 73Page - Positronic. FS4008D Datasheet HTML 74Page - Positronic. FS4008D Datasheet HTML 75Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 86 page
background image
The crimp area of these contacts is not
protected when fully seated in the connector
molding. These contacts require shrink tubing
after installation. These contact cannot be
removed from connector after installation.
Not suitable for fully loaded connector.
FEMALE CONTACT
“CLOSED ENTRY” DESIGN
MALE CONTACT
FEMALE
PART NUMBER
WIRE SIZE
AWG [mm2]
FC6018D2
18 [1.0] max
MALE
PART NUMBER
WIRE SIZE
AWG [mm2]
MC6018D
18 [1.0] max
Note: Connectors can be kitted with
all applicable crimp contacts,
contact Technical Sales for
connector part number.
INDUSTRIAL / MILITARY LEVEL CRIMP SIGNAL CONTACT
FOR USE WITH CBC SERIES CONNECTORS
CONTACTS USED WITH 18 AWG WIRE
SIZE 20
0.170+0.015-0.020
[4.32+0.38-0.51]
0.538 [13.67]
Ø0.066
[1.68]
Ø0.045
[1.14]
FEMALE CONTACT
“RUGGED OPEN ENTRY” DESIGN
PROFESSIONAL LEVEL REMOVABLE CRIMP SIGNAL CONTACT
FOR USE WITH CBC AND QB SERIES CONNECTORS
SIZE 20
FEMALE
PART NUMBER
WIRE SIZE
AWG [mm2]
FC6520D
20 / 22 / 24
[0.5/0.3/0.25]
Ø0.040 [1.02]
Ø0.055
[1.40]
Ø0.080
[2.03]
0.179 [4.55]
0.915 [23.24]
Ø0.055
[1.40]
Ø0.080
[2.03]
0.927 [23.55]
0.179 [4.55]
Note: Connectors can be kitted with
all applicable removable contacts,
contact Technical Sales for
connector part number.
For information regarding crimp tool and crimping tool techniques, see Application Tools section, page 82.
73
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
REMOVABLE CONTACTS
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com